Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F411XC Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32F411XC
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411XC Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32F411XC Datasheet HTML 106Page - STMicroelectronics STM32F411XC Datasheet HTML 107Page - STMicroelectronics STM32F411XC Datasheet HTML 108Page - STMicroelectronics STM32F411XC Datasheet HTML 109Page - STMicroelectronics STM32F411XC Datasheet HTML 110Page - STMicroelectronics STM32F411XC Datasheet HTML 111Page - STMicroelectronics STM32F411XC Datasheet HTML 112Page - STMicroelectronics STM32F411XC Datasheet HTML 113Page - STMicroelectronics STM32F411XC Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 149 page
background image
Electrical characteristics
STM32F411xC STM32F411xE
110/149
DocID026289 Rev 6
I2S interface characteristics
Unless otherwise specified, the parameters given in Table 61 for the I2S interface are
derived from tests performed under the ambient temperature, fPCLKx frequency and VDD
supply voltage conditions summarized in Table 14, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate
function characteristics (CK, SD, WS).
Note:
Refer to the I2S section of RM0383 reference manual for more details on the sampling
frequency (FS).
fMCK, fCK, and DCK values reflect only the digital peripheral behavior. The values of these
parameters might be slightly impacted by the source clock precision. DCK depends mainly
on the value of ODD bit. The digital contribution leads to a minimum value of
(I2SDIV/(2*I2SDIV+ODD) and a maximum value of (I2SDIV+ODD)/(2*I2SDIV+ODD). FS
maximum value is supported for each mode/condition.
Table 61. I2S dynamic characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fMCK
I2S Main clock output
-
256x8K
256xFs(2)
MHz
fCK
I2S clock frequency
Master data: 32 bits
-
64xFs
MHz
Slave data: 32 bits
-
64xFs
DCK
I2S clock frequency duty cycle Slave receiver
30
70
%
tv(WS)
WS valid time
Master mode
0
7
ns
th(WS)
WS hold time
Master mode
1.5
-
tsu(WS)
WS setup time
Slave mode
1.5
-
th(WS)
WS hold time
Slave mode
3
-
tsu(SD_MR)
Data input setup time
Master receiver
1
-
tsu(SD_SR)
Slave receiver
2.5
-
th(SD_MR)
Data input hold time
Master receiver
7
-
th(SD_SR)
Slave receiver
2.5
-
tv(SD_ST)
Data output valid time
Slave transmitter (after enable edge)
-
20
tv(SD_MT)
Master transmitter (after enable edge)
-
6
th(SD_ST)
Data output hold time
Slave transmitter (after enable edge)
8
-
th(SD_MT)
Master transmitter (after enable edge)
2
-
1. Guaranteed by characterization results.
2. The maximum value of 256xFs is 50 MHz (APB1 maximum frequency).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com