Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F411XC Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32F411XC
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411XC Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32F411XC Datasheet HTML 108Page - STMicroelectronics STM32F411XC Datasheet HTML 109Page - STMicroelectronics STM32F411XC Datasheet HTML 110Page - STMicroelectronics STM32F411XC Datasheet HTML 111Page - STMicroelectronics STM32F411XC Datasheet HTML 112Page - STMicroelectronics STM32F411XC Datasheet HTML 113Page - STMicroelectronics STM32F411XC Datasheet HTML 114Page - STMicroelectronics STM32F411XC Datasheet HTML 115Page - STMicroelectronics STM32F411XC Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 149 page
background image
Electrical characteristics
STM32F411xC STM32F411xE
112/149
DocID026289 Rev 6
USB OTG full speed (FS) characteristics
This interface is present in USB OTG FS controller.
Note:
When VBUS sensing feature is enabled, PA9 should be left at their default state (floating
input), not as alternate function. A typical 200 µA current consumption of the embedded
sensing block (current to voltage conversion to determine the different sessions) can be
observed on PA9 when the feature is enabled.
Table 62. USB OTG FS startup time
Symbol
Parameter
Max
Unit
tSTARTUP(1)
1. Guaranteed by design.
USB OTG FS transceiver startup time
1
µs
Table 63. USB OTG FS DC electrical characteristics
Symbol
Parameter
Conditions
Min.(1)
1. All the voltages are measured from the local ground potential.
Typ. Max.(1) Unit
Input
levels
VDD
USB OTG FS operating
voltage
3.0(2)
2. The USB OTG FS functionality is ensured down to 2.7 V but not the full USB full speed electrical
characteristics which are degraded in the 2.7-to-3.0 V VDD voltage range.
-3.6
V
VDI(3)
3. Guaranteed by design.
Differential input sensitivity
I(USB_FS_DP/DM)
0.2
-
-
V
VCM(3)
Differential common mode
range
Includes VDI range
0.8
-
2.5
VSE(3)
Single ended receiver
threshold
1.3
-
2.0
Output
levels
VOL Static output level low
RL of 1.5 kΩ to 3.6 V(4)
4. RL is the load connected on the USB OTG FS drivers.
--
0.3
V
VOH Static output level high
RL of 15 kΩ to VSS(4)
2.8
-
3.6
RPD
PA11, PA12
(USB_FS_DM/DP)
VIN = VDD
17
21
24
k
Ω
PA9 (OTG_FS_VBUS)
0.65
1.1
2.0
RPU
PA11, PA12
(USB_FS_DM/DP)
VIN = VSS
1.5
1.8
2.1
PA9 (OTG_FS_VBUS)
VIN = VSS
0.25
0.37
0.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com