Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F411XC Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32F411XC
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411XC Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32F411XC Datasheet HTML 111Page - STMicroelectronics STM32F411XC Datasheet HTML 112Page - STMicroelectronics STM32F411XC Datasheet HTML 113Page - STMicroelectronics STM32F411XC Datasheet HTML 114Page - STMicroelectronics STM32F411XC Datasheet HTML 115Page - STMicroelectronics STM32F411XC Datasheet HTML 116Page - STMicroelectronics STM32F411XC Datasheet HTML 117Page - STMicroelectronics STM32F411XC Datasheet HTML 118Page - STMicroelectronics STM32F411XC Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 149 page
background image
DocID026289 Rev 6
115/149
STM32F411xC STM32F411xE
Electrical characteristics
123
Equation 1: RAIN max formula
The formula above (Equation 1) is used to determine the maximum external impedance
allowed for an error below 1/4 of LSB. N = 12 (from 12-bit resolution) and k is the number of
sampling periods defined in the ADC_SMPR1 register.
Table 66. ADC accuracy at fADC = 18 MHz(1)
1. Better performance could be achieved in restricted VDD, frequency and temperature ranges.
Symbol
Parameter
Test conditions
Typ
Max(2)
2. Guaranteed by characterization results.
Unit
ET
Total unadjusted error
fADC =18 MHz
VDDA = 1.7 to 3.6 V
VREF = 1.7 to 3.6 V
VDDA −VREF < 1.2 V
±3
±4
LSB
EO
Offset error
±2
±3
EG
Gain error
±1
±3
ED
Differential linearity error
±1
±2
EL
Integral linearity error
±2
±3
Table 67. ADC accuracy at fADC = 30 MHz(1)
1. Better performance could be achieved in restricted VDD, frequency and temperature ranges.
Symbol
Parameter
Test conditions
Typ
Max(2)
2. Guaranteed by characterization results.
Unit
ET
Total unadjusted error
fADC = 30 MHz,
RAIN < 10 kΩ,
VDDA = 2.4 to 3.6 V,
VREF = 1.7 to 3.6 V,
VDDA −VREF < 1.2 V
±2
±5
LSB
EO
Offset error
±1.5
±2.5
EG
Gain error
±1.5
±4
ED
Differential linearity error
±1
±2
EL
Integral linearity error
±1.5
±3
Table 68. ADC accuracy at fADC = 36 MHz(1)
1. Better performance could be achieved in restricted VDD, frequency and temperature ranges.
Symbol
Parameter
Test conditions
Typ
Max(2)
2. Guaranteed by characterization results.
Unit
ET
Total unadjusted error
fADC =36 MHz,
VDDA = 2.4 to 3.6 V,
VREF = 1.7 to 3.6 V
VDDA −VREF < 1.2 V
±4
±7
LSB
EO
Offset error
±2
±3
EG
Gain error
±3
±6
ED
Differential linearity error
±2
±3
EL
Integral linearity error
±3
±6
RAIN
k0.5
–
()
fADC CADC
2
N
2
+
()
ln
×
×
----------------------------------------------------------------
RADC
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com