Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F411XC Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32F411XC
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411XC Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32F411XC Datasheet HTML 109Page - STMicroelectronics STM32F411XC Datasheet HTML 110Page - STMicroelectronics STM32F411XC Datasheet HTML 111Page - STMicroelectronics STM32F411XC Datasheet HTML 112Page - STMicroelectronics STM32F411XC Datasheet HTML 113Page - STMicroelectronics STM32F411XC Datasheet HTML 114Page - STMicroelectronics STM32F411XC Datasheet HTML 115Page - STMicroelectronics STM32F411XC Datasheet HTML 116Page - STMicroelectronics STM32F411XC Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 149 page
background image
DocID026289 Rev 6
113/149
STM32F411xC STM32F411xE
Electrical characteristics
123
Figure 39. USB OTG FS timings: definition of data signal rise and fall time
6.3.20
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 65 are derived from tests
performed under the ambient temperature, fPCLK2 frequency and VDDA supply voltage
conditions summarized in Table 14.
Table 64. USB OTG FS electrical characteristics(1)
1. Guaranteed by design.
Driver characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
tr
Rise time(2)
2. Measured from 10% to 90% of the data signal. For more detailed informations, please refer to USB
Specification - Chapter 7 (version 2.0).
CL = 50 pF
420
ns
tf
Fall time(2)
CL = 50 pF
4
20
ns
trfm
Rise/ fall time matching
tr/tf
90
110
%
VCRS
Output signal crossover voltage
1.3
2.0
V
Table 65. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Power supply
VDDA −VREF+ < 1.2 V
1.7(1)
-3.6
V
VREF+
Positive reference voltage
1.7(1)
-VDDA
V
fADC
ADC clock frequency
VDDA = 1.7(1) to 2.4 V
0.6
15
18
MHz
VDDA = 2.4 to 3.6 V
0.6
30
36
MHz
fTRIG(2) External trigger frequency
fADC = 30 MHz,
12-bit resolution
-
-
1764
kHz
--
17
1/fADC
VAIN
Conversion voltage range(3)
0 (VSSA or VREF-
tied to ground)
-VREF+
V
RAIN(2)
External input impedance
See Equation 1 for
details
--
50
k
Ω
RADC(2)(4) Sampling switch resistance
-
-
6
k
Ω
CADC(2)
Internal sample and hold
capacitor
-4
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com