Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800N Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800N
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800N Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button NSC800N Datasheet HTML 36Page - National Semiconductor (TI) NSC800N Datasheet HTML 37Page - National Semiconductor (TI) NSC800N Datasheet HTML 38Page - National Semiconductor (TI) NSC800N Datasheet HTML 39Page - National Semiconductor (TI) NSC800N Datasheet HTML 40Page - National Semiconductor (TI) NSC800N Datasheet HTML 41Page - National Semiconductor (TI) NSC800N Datasheet HTML 42Page - National Semiconductor (TI) NSC800N Datasheet HTML 43Page - National Semiconductor (TI) NSC800N Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
126 8-Bit Arithmetic (Continued)
76543210
11101110
n
Timing
M cycles2
T states7 (4 3)
Addressing Mode
SourceImmediate
DestinationImplied
CP
n
Compare the immediate data n with the contents of the Ac-
cumulator via subtraction and return the appropriate flags
The contents of the Accumulator are not affected
A b n
S Set if result is negative
Z Set if result is zero
H Set if borrow from bit 4
PV Set if result exceeds 8-bit 2’s
complement range
N Set
C Set according to borrow condi-
tion
76543210
11111110
n
Timing
M cycles2
T states7 (4 3)
Addressing Mode
Immediate
MEMORY ADDRESSED ARITHMETIC
ADD
A m1
Add the contents of the memory location m1 to the Accumu-
lator
A
w A a m1
S Set if result is negative
Z Set if result is zero
H Set if carry from bit 3
PV Set if result exceeds 8-bit 2’s
complement range
N Reset
C Set according to carry from bit
7
76543210
10000110
ADD A (HL)
Timing
M cycles2
T states7 (4 3)
Addressing Mode
SourceRegister Indirect
DestinationImplied
76
5
43210
ADD A (IX a d) (for NXe0)
11NX 11101
ADD A (IY a d) (for NXe1)
10
0
00110
d
Timing
M cycles5
T states19 (4 4 3 5 3)
Addressing Mode
SourceIndexed
DestinationImplied
ADC
A m1
Add the contents of the memory location m1 plus the carry
to the Accumulator
A
w A a m1 a CY S Set if result is negative
Z Set if result is zero
H Set if carry from bit 3
PV Set if result exceeds 8-bit 2’s
complement range
N Reset
C Set according to carry from bit
7
76543210
10001110
ADC A (HL)
Timing
M cycles2
T states7 (4 3)
Addressing Mode
SourceRegister Indirect
DestinationImplied
76
5
43210
ADC A (IX a d) (for NXe0)
11NX 11101
ADC A (IY a d) (for NXe1)
10
0
01110
d
Timing
M cycles5
T states19 (4 4 3 5 3)
Addressing Mode
SourceIndexed
DestinationImplied
SUB
m1
Subtract the contents of memory location m1 from the Ac-
cumulator
A
w A b m1
S Set if result is negative
Z Set if result is zero
H Set if borrow from bit 4
PV Set if result exceeds 8-bit 2’s
complement range
N Set
C Set according to borrow condi-
tion
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com