Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800N
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  NSC800N Datasheet HTML 1Page - National Semiconductor (TI) NSC800N Datasheet HTML 2Page - National Semiconductor (TI) NSC800N Datasheet HTML 3Page - National Semiconductor (TI) NSC800N Datasheet HTML 4Page - National Semiconductor (TI) NSC800N Datasheet HTML 5Page - National Semiconductor (TI) NSC800N Datasheet HTML 6Page - National Semiconductor (TI) NSC800N Datasheet HTML 7Page - National Semiconductor (TI) NSC800N Datasheet HTML 8Page - National Semiconductor (TI) NSC800N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
TLC5171
June 1992
NSC800
TM High-Performance
Low-Power CMOS Microprocessor
General Description
The NSC800 is an 8-bit CMOS microprocessor that func-
tions as the central processing unit (CPU) in National Semi-
conductor’s NSC800 microcomputer family
National’s
microCMOS technology used to fabricate this device pro-
vides system designers with performance equivalent to
comparable NMOS products but with the low power advan-
tage of CMOS Some of the many system functions incorpo-
rated on the device are vectored priority interrupts refresh
control power-save feature and interrupt acknowledge The
NSC800 is available in dual-in-line and surface mounted
chip carrier packages
The system designer can choose not only from the dedicat-
ed CMOS peripherals that allow direct interfacing to the
NSC800 but from the full line of National’s CMOS products
to allow a low-power system solution The dedicated periph-
erals include NSC810A RAM IO Timer NSC858 UART
and NSC831 IO
All devices are available in commercial industrial and mili-
tary temperature ranges along with two added reliability
flows The first is an extended burn in test and the second is
the military class C screening in accordance with Method
5004 of MIL-STD-883
Features
Y
Fully compatible with Z80
instruction set
Powerful set of 158 instructions
10 addressing modes
22 internal registers
Y
Low power 50 mW at 5V VCC
Y
Unique power-save feature
Y
Multiplexed bus structure
Y
Schmitt trigger input on reset
Y
On-chip bus controller and clock generator
Y
Variable power supply 24Vb60V
Y
On-chip 8-bit dynamic RAM refresh circuitry
Y
Speed 10 ms instruction cycle at 40 MHz
NSC800-4
40 MHz
NSC800-35
35 MHz
NSC800-3
25 MHz
NSC800-1
10 MHz
Y
Capable of addressing 64k bytes of memory and 256
IO devices
Y
Five interrupt request lines on-chip
Block Diagram
TLC5171 – 73
NSC800TM is a trademark of National Semiconductor Corp
TRI-STATE
is a registered trademark of National Semiconductor Corp
Z80
is a registered trademark of Zilog Corp
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - NSC800N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NSC810AD-1I/883 NSC-NSC810AD-1I/883 Datasheet
781Kb / 21P
NSC810A RAM -I/O - TIMER
NSC810AD-1I/A NSC-NSC810AD-1I/A Datasheet
781Kb / 21P
NSC810A RAM -I/O - TIMER
NSC810AD-1M/883 NSC-NSC810AD-1M/883 Datasheet
781Kb / 21P
NSC810A RAM -I/O - TIMER
NSC810AD-1M/A NSC-NSC810AD-1M/A Datasheet
781Kb / 21P
NSC810A RAM -I/O - TIMER
NSC810AD-3I/883 NSC-NSC810AD-3I/883 Datasheet
781Kb / 21P
NSC810A RAM -I/O - TIMER
More results

Similar Description - NSC800N

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P156E EMC-EM78P156E Datasheet
141Kb / 28P
8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EH EMC-EM78P156EH Datasheet
344Kb / 39P
8-bit microprocessor with low-power and high-speed CMOS technology
LEM78P153 EMC-LEM78P153 Datasheet
1Mb / 19P
8-bit microprocessor with low-power and high-speed CMOS technology
logo
List of Unclassifed Man...
20-668-0011 ETC2-20-668-0011 Datasheet
967Kb / 2P
Rabbit 3000 Microprocessor Low EMI, High Performance
logo
Bolymin, Inc
BEGV606M BOLYMIN-BEGV606M_17 Datasheet
939Kb / 1P
High Performance Low power Pic 16-bit microprocessor
BEGV627M BOLYMIN-BEGV627M_17 Datasheet
1,020Kb / 1P
High Performance Low power Pic 16-bit microprocessor
BEGV639M BOLYMIN-BEGV639M_17 Datasheet
3Mb / 1P
High Performance Low power Pic 16-bit microprocessor
BEGV641A BOLYMIN-BEGV641A_17 Datasheet
1Mb / 1P
High performance, Low power AVR 8-bit microprocessor
BEGV643A BOLYMIN-BEGV643A_17 Datasheet
2Mb / 1P
High performance, Low power AVR 8-bit microprocessor
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
Low Power High Performance Low Power High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com