Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800N Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800N
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800N Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button NSC800N Datasheet HTML 55Page - National Semiconductor (TI) NSC800N Datasheet HTML 56Page - National Semiconductor (TI) NSC800N Datasheet HTML 57Page - National Semiconductor (TI) NSC800N Datasheet HTML 58Page - National Semiconductor (TI) NSC800N Datasheet HTML 59Page - National Semiconductor (TI) NSC800N Datasheet HTML 60Page - National Semiconductor (TI) NSC800N Datasheet HTML 61Page - National Semiconductor (TI) NSC800N Datasheet HTML 62Page - National Semiconductor (TI) NSC800N Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
1215 Instruction Set Alphabetical Order (Continued)
BIT
5 E
CB 6B
BIT
5 H
CB 6C
BIT
5 L
CB 6D
BIT
6 (HL)
CB 76
BIT
6 (IXad)
DD CBd76
BIT
6 (IYad)
FD CBd76
BIT
6 A
CB 77
BIT
6 B
CB 70
BIT
6 C
CB 71
BIT
6 D
CB 72
BIT
6 E
CB 73
BIT
6 H
CB 74
BIT
6 L
CB 75
BIT
7 (HL)
CB 7E
BIT
7 (IXad)
DD CBd7E
BIT
7 (IYad)
FD CBd7E
BIT
7 A
CB 7F
BIT
7 B
CB 78
BIT
7 C
CB 79
BIT
7 D
CB 7A
BIT
7 E
CB 7B
BIT
7 H
CB 7C
BIT
7 L
CB 7D
CALL
C nn
DCnn
CALL
M nn
FCnn
CALL
NC nn
D4nn
CALL
nn
CDnn
CALL
NZ nn
C4nn
CALL
P nn
F4nn
CALL
PE nn
ECnn
CALL
PO nn
E4nn
CALL
Z nn
CCnn
CCF
3F
CP
(HL)
BE
CP
(IXad)
DD BEd
CP
(IYad)
FD BEd
CP
A
BF
CP
B
B8
CP
C
B9
CP
D
BA
CP
E
BB
CP
H
BC
CP
L
BD
CP
n
FE n
CPD
ED A9
CPDR
ED B9
CPI
ED A1
CPIR
ED B1
CPL
2F
DAA
27
DEC
(HL)
35
DEC
(IXad)
DD 35d
DEC
(IYad)
FD 35d
DEC
A
3D
DEC
B
05
DEC
BC
0B
DEC
C
0D
DEC
D
15
DEC
DE
1B
DEC
E
1D
DEC
H
25
DEC
HL
2B
DEC
IX
DD 2B
DEC
IY
FD 2B
DEC
L
2D
DEC
SP
3B
DI
F3
DJNZ
d2
10 d2
EI
FB
EX
(SP) HL
E3
EX
(SP) IX
DD E3
EX
(SP) IY
FD E3
EX
AF A’F’
08
EX
DE HL
EB
EXX
D9
HALT
76
IM
0
ED 46
IM
1
ED 56
IM
2
ED 5E
IN
A (C)
ED78
IN
A (n)
DB n
IN
B (C)
ED 40
IN
C (C)
ED 48
IN
D (C)
ED 50
IN
E (C)
ED 58
IN
H (C)
ED 60
IN
L (C)
ED 68
INC
(HL)
34
INC
(IXad)
DD 34d
INC
(IYad)
FD 34d
INC
A
3C
INC
B
04
INC
BC
03
INC
C
0C
INC
D
14
INC
DE
13
INC
E
1C
INC
H
24
INC
HL
23
INC
IX
DD 23
INC
IY
FD 23
INC
L
2C
INC
SP
33
IND
ED AA
INDR
ED BA
INI
ED A2
(nn)eAddress of memory location
designed displacement
nneData (16 bit)
d2edb2
neData (8 bit)
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com