Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800N Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800N
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800N Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button NSC800N Datasheet HTML 48Page - National Semiconductor (TI) NSC800N Datasheet HTML 49Page - National Semiconductor (TI) NSC800N Datasheet HTML 50Page - National Semiconductor (TI) NSC800N Datasheet HTML 51Page - National Semiconductor (TI) NSC800N Datasheet HTML 52Page - National Semiconductor (TI) NSC800N Datasheet HTML 53Page - National Semiconductor (TI) NSC800N Datasheet HTML 54Page - National Semiconductor (TI) NSC800N Datasheet HTML 55Page - National Semiconductor (TI) NSC800N Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
1212 InputOutput
IN
A (n)
Input data to the Accumulator from the IO device at ad-
dress N
A
w (n)
No flags affected
76543210
11011011
n
Timing
M cycles
3
T states
11 (4 3 4)
Addressing Mode
Source
Direct
Destination
Register
IN
r (C)
Input data to register r from the IO device addressed by the
contents of register C If re110 only flags are affected
r
w (C)
S Set if result is negative
Z Set if result is zero
H Reset
PV Set if result parity is even
N Reset
C NA
76543210
11101101
01
r
000
Timing
M cycles
3
T states
12 (4 4 4)
Addressing Mode
Source
Register Indirect
Destination
Register
OUT
(C) r
Output register r to the IO device addressed by the con-
tents of register C
(C)
w r
No flags affected
76543210
11101101
01
r
001
Timing
M cycles
3
T states
12 (4 4 4)
Addressing Mode
Source
Register
Destination
Register Indirect
INI
Input data from the IO device addressed by the contents of
register C to the memory location pointed to by the contents
of the HL register The HL pointer is incremented and the
byte counter B is decremented
(HL)
w (C)
S Undefined
B
w B b 1
Z Set if Bb1e0 otherwise reset
HL
w HL a 1
H Undefined
PV Undefined
N Set
C NA
76543210
11101101
10100010
Timing
M cycles
4
T states
16 (4 5 3 4)
Addressing Mode
ImpliedSource
Register In-
direct
Destination
Register Indirect
OUTI
Output data from memory location (HL) to the IO device at
port address (C) increment the memory pointer and decre-
ment the byte counter B
(C)
w (HL)
S Undefined
B
w B b 1
Z Set if Bb1e0 otherwise reset
HL
w HL a 1
H Undefined
PV Undefined
N Set
C NA
76543210
11101101
10100011
Timing
M cycles
4
T states
16 (4 5 3 4)
Addressing Mode
ImpliedSource
Register In-
direct
Destination
Register Indirect
IND
Input data from IO device at port address (C) to memory
location (HL) and decrement HL memory pointer and byte
counter B
(HL)
w (C)
S Undefined
HL
w HL b 1
Z Set if Bb1e0 otherwise reset
B
w B b 1
H Undefined
PV Undefined
N Set
C NA
76543210
11101101
10101010
Timing
M cycles
4
T states
16 (4 5 3 4)
Addressing Mode
ImpliedSource
Register In-
direct
Destination
Register Indirect
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com