Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800N Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800N
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800N Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button NSC800N Datasheet HTML 12Page - National Semiconductor (TI) NSC800N Datasheet HTML 13Page - National Semiconductor (TI) NSC800N Datasheet HTML 14Page - National Semiconductor (TI) NSC800N Datasheet HTML 15Page - National Semiconductor (TI) NSC800N Datasheet HTML 16Page - National Semiconductor (TI) NSC800N Datasheet HTML 17Page - National Semiconductor (TI) NSC800N Datasheet HTML 18Page - National Semiconductor (TI) NSC800N Datasheet HTML 19Page - National Semiconductor (TI) NSC800N Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
90 Timing and Control (Continued)
92 CPU TIMING
The NSC800 uses a multiplexed bus for data and address-
es The 16-bit address bus is divided into a high-order 8-bit
address bus that handles bits 8 – 15 of the address and a
low-order 8-bit multiplexed addressdata bus that handles
bits 0 – 7 of the address and bits 0 – 7 of the data Strobe
outputs from the NSC800 (ALE RD and WR) indicate when
a valid address or data is present on the bus IOM indi-
cates whether the ensuing cycle accesses memory or IO
During an input or output instruction the CPU duplicates the
lower half of the address AD(0 – 7) onto the upper address
bus A(8 – 15)
The eight bits of address will stay on A(8 –
15) for the entire machine cycle and can be used for chip
selection directly
Figure 9 illustrates the timing relationship for opcode fetch
cycles with and without a wait state
TLC5171 – 15
FIGURE 9a Opcode Fetch Cycles without WAIT States
TLC5171 – 16
FIGURE 9b Opcode Fetch Cycles with WAIT States
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com