Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSC800N Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800N
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800N Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button NSC800N Datasheet HTML 45Page - National Semiconductor (TI) NSC800N Datasheet HTML 46Page - National Semiconductor (TI) NSC800N Datasheet HTML 47Page - National Semiconductor (TI) NSC800N Datasheet HTML 48Page - National Semiconductor (TI) NSC800N Datasheet HTML 49Page - National Semiconductor (TI) NSC800N Datasheet HTML 50Page - National Semiconductor (TI) NSC800N Datasheet HTML 51Page - National Semiconductor (TI) NSC800N Datasheet HTML 52Page - National Semiconductor (TI) NSC800N Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
129 Rotate and Shift (Continued)
76543210
1
1
0
0
1
0
1
1
SRL (HL)
00111110
Timing
M cycles
4
T states
15 (4 4 4 3)
Addressing Mode
Register Indirect
76
5
4
3210
SRL (IX a d) (for NX e 0)
11NX 11101
SRL (IY a d) (for NX e 1)
11
0
0
1011
d
00
1
1
1110
Timing
M cycles
6
T states
23 (4 4 3 5 4 3)
Addressing Mode
Indexed
REGISTERMEMORY
RLD
Rotate digit left and right between the Accumulator and
memory (HL)
TLC5171 – 71
S Set if result is negative
Z Set if result is zero
H Reset
PV Set if result parity is even
N Reset
C NA
76543210
11101101
01101111
Timing
M cycles
5
T states
18 (4 4 3 4 3)
Addressing Mode
ImpliedRegister Indirect
RRD
Rotate digit right and left between the Accumulator and
memory (HL)
TLC5171 – 72
S Set if result is negative
Z Set if result is zero
H Reset
PV Set if result parity is even
N Reset
C NA
76543210
11101101
01100111
Timing
M cycles
5
T states
18 (4 4 3 4 3)
Addressing Mode
ImpliedRegister Indirect
1210 Exchanges
REGISTERREGISTER
EX
DE HL
Exchange the contents of the 16-bit register pairs DE and
HL
DE
HL
No flags affected
76543210
11101011
Timing
M cycles
1
T states
4
Addressing Mode
Register
EX
AF A’F’
The contents of the Accumulator and flag register are ex-
changed with their corresponding alternate registers that is
A and F are exchanged with A’ and F’
A
A’
No flags affected
F
F’
76543210
00001000
Timing
M cycles
1
T states
4
Addressing Mode
Register
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com