Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST1035-8FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # ACST1035-8FP
Description  Triac with self overvoltage protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1035-8FP Datasheet(HTML) 1 Page - STMicroelectronics

  ACST1035-8FP Datasheet HTML 1Page - STMicroelectronics ACST1035-8FP Datasheet HTML 2Page - STMicroelectronics ACST1035-8FP Datasheet HTML 3Page - STMicroelectronics ACST1035-8FP Datasheet HTML 4Page - STMicroelectronics ACST1035-8FP Datasheet HTML 5Page - STMicroelectronics ACST1035-8FP Datasheet HTML 6Page - STMicroelectronics ACST1035-8FP Datasheet HTML 7Page - STMicroelectronics ACST1035-8FP Datasheet HTML 8Page - STMicroelectronics ACST1035-8FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
April 2017
DocID025321 Rev 2
1/13
This is information on a product in full production.
www.st.com
ACST1035-8FP
Overvoltage protected AC switch
Datasheet - production data
Features
Triac with self overvoltage protection
High static immunity and dynamic
commutation
800 V VDRM/VRRM
High junction temperature: Tj = 150 °C
Complies with UL standards (File ref:
E81734)
TO-220FPAB insulated package 2000 VRMS
ECOPACK®2 and RoHs compliant
component
Applications
Motor control for home appliance:
Universal drum motor of washing
machine
Compressor of fridge or air conditioner
A/C compressor
Description
This device offers a blocking voltage up to 800 V,
high commutation and noise immunity, all
required for inductive load control.
The thermal management in application is
improved thanks to its high maximum junction
temperature (Tj = 150 °C).
It enables applications to be compliant with IEC
61000-4-4 and IEC 61000-4-5.
Figure 1: Functional diagram
Table 1: Device summary
Order code
Package
VDRM/VRRM
IGT
ACST1035-8FP
TO-220FPAB
800 V
35 mA
TO-220FPAB
G
OUT
COM


Similar Part No. - ACST1035-8FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST1035-7FP STMICROELECTRONICS-ACST1035-7FP Datasheet
153Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACST1035-7FP STMICROELECTRONICS-ACST1035-7FP Datasheet
168Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACST1035-7T STMICROELECTRONICS-ACST1035-7T Datasheet
168Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
More results

Similar Description - ACST1035-8FP

ManufacturerPart #DatasheetDescription
logo
Power-One
QAS050ZG POWER-ONE-QAS050ZG Datasheet
87Kb / 3P
Overvoltage Protection
logo
Diotec Semiconductor
ABS125K DIOTEC-ABS125K Datasheet
148Kb / 2P
Bridge Rectifier with Overvoltage Protection
F5K120 DIOTEC-F5K120_13 Datasheet
126Kb / 2P
LowVF-Rectifier with Overvoltage Protection
logo
Powerbox
C1500 POWERBOX-C1500 Datasheet
87Kb / 3P
Overvoltage protection with auto restart
C3800 POWERBOX-C3800 Datasheet
1Mb / 2P
Overvoltage protection with auto restart
logo
Diotec Semiconductor
F5K120 DIOTEC-F5K120_15 Datasheet
126Kb / 2P
Rectifier with Overvoltage Protection
F11K120 DIOTEC-F11K120_15 Datasheet
121Kb / 2P
Rectifier with Overvoltage Protection
F12K120 DIOTEC-F12K120_15 Datasheet
121Kb / 3P
Rectifier with Overvoltage Protection
FX20K120 DIOTEC-FX20K120_15 Datasheet
124Kb / 3P
Rectifier with Overvoltage Protection
KT20A120 DIOTEC-KT20A120_15 Datasheet
150Kb / 2P
Rectifier with Overvoltage protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com