Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST1035-8FP Datasheet(PDF) 5 Page - STMicroelectronics

Part # ACST1035-8FP
Description  Triac with self overvoltage protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1035-8FP Datasheet(HTML) 5 Page - STMicroelectronics

  ACST1035-8FP Datasheet HTML 1Page - STMicroelectronics ACST1035-8FP Datasheet HTML 2Page - STMicroelectronics ACST1035-8FP Datasheet HTML 3Page - STMicroelectronics ACST1035-8FP Datasheet HTML 4Page - STMicroelectronics ACST1035-8FP Datasheet HTML 5Page - STMicroelectronics ACST1035-8FP Datasheet HTML 6Page - STMicroelectronics ACST1035-8FP Datasheet HTML 7Page - STMicroelectronics ACST1035-8FP Datasheet HTML 8Page - STMicroelectronics ACST1035-8FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ACST1035-8FP
Characteristics
DocID025321 Rev 2
5/13
Figure 8: Non repetitive surge peak on-state
current for a sinusoidal pulse with width tp < 10 ms
Figure 9: Relative variation of gate trigger current
and gate trigger voltage versus junction
temperature (typical values)
Figure 10: Relative variation of holding current and
latching current versus junction temperature
(typical values)
Figure 11: Relative variation of critical rate of
decrease of main current (dI/dt)c versus reapplied
(dV/dt)c
Figure 12: Relative variation of critical rate of
decrease of main current versus junction
temperature (typical values)
Figure 13: Relative variation of static dV/dt
immunity versus junction temperature
I
(A), I t (A s)
TSM
2
2
1
10
100
1000
0.01
0.10
1.00
10.00
dI/dt limitation: 100 A/µs
ITSM
t ( ms)
p
Tj initial = 25 °C
0
1
2
3
0.1
1.0
10.0
100.0
T
j = 150 °C
(dV/dt)c (V/µs)
(dl/dt)c[(dV/dt)c] / specified (dl/dt)c
0
1
2
3
4
5
6
7
8
9
10
25
50
75
100
125
150
Tj(°C)
(dI/dt )
C [T j ] / (dI/dt )c [T j = 150 °C]
0
1
2
3
4
5
25
50
75
100
125
150
(dV/dt) > 5KV/µs
Tj (°C)
VD = VR = 536 V
dV/dt[Tj] / dV/dt[Tj = 150 °C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com