Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST1035-8FP Datasheet(PDF) 12 Page - STMicroelectronics

Part # ACST1035-8FP
Description  Triac with self overvoltage protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1035-8FP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ACST1035-8FP Datasheet HTML 5Page - STMicroelectronics ACST1035-8FP Datasheet HTML 6Page - STMicroelectronics ACST1035-8FP Datasheet HTML 7Page - STMicroelectronics ACST1035-8FP Datasheet HTML 8Page - STMicroelectronics ACST1035-8FP Datasheet HTML 9Page - STMicroelectronics ACST1035-8FP Datasheet HTML 10Page - STMicroelectronics ACST1035-8FP Datasheet HTML 11Page - STMicroelectronics ACST1035-8FP Datasheet HTML 12Page - STMicroelectronics ACST1035-8FP Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
ACST1035-8FP
12/13
DocID025321 Rev 2
4
Ordering information
Figure 22: Ordering information scheme
Table 7: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
ACST1035-8FP
ACST1035-8FP
TO-220FPAB
2.0 g
50
Tube
5
Revision history
Table 8: Document revision history
Date
Revision
Changes
21-Feb-2014
1
First issue.
14-Apr-2017
3
Updated Section "Features" and Table 2: "Absolute ratings
(limiting values)".
Minor text changes to improve readability.
ACS T
FP
10 35 - 8
Series
s
h
c
t
i
w
C
A
Topology
T = Triac
On-state rms current
10
10
=
A
Sensitivity
35 = 35 mA
Voltage
8
80 V
=
0
Package
FP = TO-220FPAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com