Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST1035-8FP Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACST1035-8FP
Description  Triac with self overvoltage protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1035-8FP Datasheet(HTML) 3 Page - STMicroelectronics

  ACST1035-8FP Datasheet HTML 1Page - STMicroelectronics ACST1035-8FP Datasheet HTML 2Page - STMicroelectronics ACST1035-8FP Datasheet HTML 3Page - STMicroelectronics ACST1035-8FP Datasheet HTML 4Page - STMicroelectronics ACST1035-8FP Datasheet HTML 5Page - STMicroelectronics ACST1035-8FP Datasheet HTML 6Page - STMicroelectronics ACST1035-8FP Datasheet HTML 7Page - STMicroelectronics ACST1035-8FP Datasheet HTML 8Page - STMicroelectronics ACST1035-8FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ACST1035-8FP
Characteristics
DocID025321 Rev 2
3/13
Table 3: Electrical characteristics
Symbol
Test conditions
Quadrant
Value
Unit
IGT
VD = 12 V, RL
= 33 Ω
Tj = 25 °C
I - II - III
Max.
35
mA
Min.
1.75
VGT
Max.
1
V
VGD
VD = VDRM, RL
= 3.3 kΩ
Tj = 150 °C
I - II - III
Min.
0.2
V
IH(1)
IT = 500 mA, gate open
Tj = 25 °C
Max.
30
mA
IL
IG = 1.2 x IGT
Tj = 25 °C
I - II - III
Max.
40
mA
dV/dt
VD = 67 % VDRM/VRRM, gate open
Tj = 125 °C
Min.
4000
V/µs
Tj = 150 °C
Min.
2000
(dl/dt)c
Without snubber
Tj = 125 °C
Min.
10
A/ms
Tj = 150 °C
Min.
5
VCL
ICL = 01 mA, tp = 1 ms
Min.
850
V
Notes:
(1)For both polarities of OUT pin referenced to COM pin
Table 4: Static electrical characteristics
Symbol
Test conditions
Value
Unit
VTM(1)
ITM = 14.1 A, tp = 380 µs
Tj = 25 °C
Max.
1.5
V
Vto
Threshold voltage
Tj = 150 °C
Max.
0.9
V
RD
Dynamic resistance
Tj = 150 °C
Max.
40
mΩ
IDRMIRRM
VD = VDRM, VR = VRRM
Tj = 25 °C
Max.
1
µA
Tj = 125 °C
500
Tj = 150 °C
1.2
mA
Notes:
(1)For both polarities of OUT pin referenced to COM pin
Table 5: Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
3.5
°C/W
Rth(j-a)
Junction to ambient (AC)
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com