Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST1035-8FP Datasheet(PDF) 2 Page - STMicroelectronics

Part # ACST1035-8FP
Description  Triac with self overvoltage protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1035-8FP Datasheet(HTML) 2 Page - STMicroelectronics

  ACST1035-8FP Datasheet HTML 1Page - STMicroelectronics ACST1035-8FP Datasheet HTML 2Page - STMicroelectronics ACST1035-8FP Datasheet HTML 3Page - STMicroelectronics ACST1035-8FP Datasheet HTML 4Page - STMicroelectronics ACST1035-8FP Datasheet HTML 5Page - STMicroelectronics ACST1035-8FP Datasheet HTML 6Page - STMicroelectronics ACST1035-8FP Datasheet HTML 7Page - STMicroelectronics ACST1035-8FP Datasheet HTML 8Page - STMicroelectronics ACST1035-8FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Characteristics
ACST1035-8FP
2/13
DocID025321 Rev 2
1
Characteristics
Table 2: Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
Tc = 108 °C
10
A
ITSM
Non repetitive surge
peak on-state current
tp =16.7 ms
Tj initial = 25 °C
95
A
tp = 20 ms
90
I2t
I2t value for fusing
(full cycle sine wave)
tp = 10 ms
54
A2s
VRRM /
VDRM
Repetitive peak off-state voltage
Tj = 150 °C
800
V
dl/dt
Critical rate of rise of
on-state current
IG = 2 x IGT,
tr ≤ 100 ns
f = 120 Hz, Tj = 150 ° C
100
A/µs
Vpp(1)
Non repetitive peak pulse line voltage
Tj initial = 25 °C
2
kV
(dl/dt)BO
Non repetitive critical current rate of
rise at breakover
Tj initial = 25 °C
150
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 150 °C
1
A
PGM
Peak gate power
10
V
PG(AV)
Average gate power dissipation
Tj = 150 °C
0.1
W
Tstg
Storage junction temperature range
-40 to +150
°C
Tj
Maximum operating junction temperature range
-40 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Vins
Insulation RMS voltage (60 seconds)
2000
V
Notes:
(1)According to test described by IEC 61000-4-5 standard and test Fig 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com