Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST1035-8FP Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACST1035-8FP
Description  Triac with self overvoltage protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1035-8FP Datasheet(HTML) 4 Page - STMicroelectronics

  ACST1035-8FP Datasheet HTML 1Page - STMicroelectronics ACST1035-8FP Datasheet HTML 2Page - STMicroelectronics ACST1035-8FP Datasheet HTML 3Page - STMicroelectronics ACST1035-8FP Datasheet HTML 4Page - STMicroelectronics ACST1035-8FP Datasheet HTML 5Page - STMicroelectronics ACST1035-8FP Datasheet HTML 6Page - STMicroelectronics ACST1035-8FP Datasheet HTML 7Page - STMicroelectronics ACST1035-8FP Datasheet HTML 8Page - STMicroelectronics ACST1035-8FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
ACST1035-8FP
4/13
DocID025321 Rev 2
1.1
Characteristics (curves)
Figure 2: Maximum power dissipation versus
on-state RMS current
Figure 3: On-state RMS current versus temperature
under tab. (full cycle)
Figure 4: On state RMS current versus ambient
temperature (free air convection)
Figure 5: Relative variation of thermal impedance
versus pulse duration
Figure 6: On-state characteristics
(maximum values)
Figure 7: Surge peak on-state current versus
number of cycles
P(W)
0
1
2
3
4
5
6
7
8
9
10
11
12
I
(A)
T(RMS)
α = 180 °
180 °
α
α
0
1
2
3
4
5
6
7
8
9
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
IT(RMS)(A)
α = 180 °
Ta(°C)
1.0E-02
1.0E-01
1.0E+00
K = [Z th/Rth]
1.0E-03
1.0E-02
1.0E-01
1.0E+00
Z
Z
th(j
th(j
-
-
c)
a)
1.0E+01
1.0E+02
1.0E+03
t (s)
p
I
(A)
TSM
0
10
20
30
40
50
60
70
80
90
100
One cycle
t = 20ms
Repetitive
T
C = 108°C
Non repetitive
Tj -initial = 25 °C
Number of cycles
1
10
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com