Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS302 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PS302
Description  Precision, Single-Supply SPST Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS302 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PS302 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
6
PS8187A
06/29/99
PS301/PS302/PS303
Precision, Single Supply SPST Analog Switches
Test Circuits/Timing Diagrams (continued)
Figure 5. Off Isolation
Figure 7. Channel-Off Capacitance
Figure 6. Crosstalk
Figure 8. Channel-On Capacitance
V+
+5V
NC
Capacitance
Meter
or NO
COM
GND
10nF
IN
0V or
2.4V
f = 1kHz
V+
+5V
NC
Analyzer
GND
or NO
COM
10nF
IN
0V or
2.4V
COM
RL
V+
+5V
Analyzer
N02
GND
COM1
10nF
IN2
RL
COM
Signal
Generator 0dBm
0V or
3.5V
0V or
2.4V
COM2
IN1
N01
NC
50
Ω
50
Ω
V+
+5V
NC
Capacitance
Meter
GND
or NO
COM
10nF
IN
0V or
2.4V
f = 1kHz
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com