Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS302 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PS302
Description  Precision, Single-Supply SPST Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS302 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PS302 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS8187A
06/29/99
• Low On-Resistance (33Ω typ) Minimizes Distortion and
Error Voltages
• Low Glitching Reduces Step Errors in Sample-and-Holds.
Charge Injection, 2pC typ
• Single-Supply Operation (+2.5V to +16V)
• Improved Second Sources for MAX4501/MAX4502
• On-Resistance Matching Between Channels, <2Ω
• On-Resistance Flatness, <6Ω max
• Low Off-Channel Leakage, <5nA @ +85oC
• TTL/CMOS Logic Compatible
• Fast Switching Speed, tON < 150ns
• Guaranteed Break-Before-Make action (PS303 only)
eliminates momentary crosstalk
• Rail-to-Rail Analog Signal Dynamic Range
• Low Power Consumption, <5µW
• MSOP Package minimizes board area
Applications
• Audio, Video Switching and Routing
• Portable Instruments
• Data Acquisition Systems
• Sample-and-Holds
• Telecommunication Systems
• Battery-Powered Systems
Description
The PS301/PS302/PS303 are improved high precision, medium
voltage analog switches designed to operate with single power
supplies. The PS301 is a single-pole single-throw (SPST), nor-
mally open (NO) switch. The PS302 has the same pinout as the
PS301 but is a normally closed (NC) switch. The PS303 has one
normally open (NO) and one normally closed (NC) switch per
package. Each switch conducts current equally well in either
direction when on. In the off state each switch blocks voltages up
to the power-supply rail.
With a +5V power supply, the PS301/PS302/PS303 guarantee
<60Ω ON-resistance. ON-resistance matching between channels
is within 2Ω. ON-resistance flatness is less than 6Ω over the
specified range. All three devices guarantee low leakage currents
(<100pA @ 25oC, <10nA @ +85oC) and fast switching speeds
(tON < 150ns). Break-before-make switching action protects
against momentary crosstalk (PS303).
For single-supply operation below 5V, the PI5A317/318/319
are also recommended.
1
0
3
S
P
c
i
g
o
Lh
c
ti
w
S
0
1
F
F
O
N
O
Switches shown for logic “0” input
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS301/PS302/PS303
Functional Diagrams, Pin Configurations, and Truth Tables
Top Views
Features
For free samples and the latest literature: www.pericom.com, or phone 1-800-435-2336
6
7
8
5
1
2
3
4
COM
N.C.
N.C.
V+
NC
IN
N.C.
GND
PS302
6
7
8
5
1
2
3
4
COM
N.C.
N.C.
V+
NO
IN
N.C.
GND
PS301
2
0
3
S
P
c
i
g
o
Lh
c
ti
w
S
0
1
N
O
F
F
O
6
7
8
5
1
2
3
4
NO
COM
NC
GND
V+
N.C.
N.C.
IN
PS303
3
0
3
S
P
c
i
g
o
LC
NO
N
0
1
N
O
F
F
O
F
F
O
N
O
Precision, Single-Supply
SPST Analog Switches


Similar Part No. - PS302

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PS302-XP2 AXIOMTEK-PS302-XP2 Datasheet
182Kb / 1P
Power Supplies - PS/2 Type
logo
STANLEY ELECTRIC CO.,LT...
PS3022 STANLEY-PS3022 Datasheet
172Kb / 10P
Through-hole Phototransistor/?5 Type
logo
Pan Jit International I...
PS302R PANJIT-PS302R Datasheet
55Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
PS302R PANJIT-PS302R Datasheet
36Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
PS302R PANJIT-PS302R Datasheet
67Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
More results

Similar Description - PS302

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
Low-Voltage, Single Supply, SPST, Analog Switches
June 2003
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
MAX323 MAXIM-MAX323 Datasheet
105Kb / 12P
Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
Precision, Single-Supply SPST Analog Switches
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
Low-Voltage, Single Supply, SPST, Analog Switches
August 2004
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
Precision, Single-Supply, SPST Analog Switches
2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com