Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS302 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PS302
Description  Precision, Single-Supply SPST Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS302 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PS302 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
4
PS8187A
06/29/99
PS301/PS302/PS303
Precision, Single Supply SPST Analog Switches
Electrical Specifications - Single +12V Supply
(V+ = 12V ±10%, GND = 0V, VINH = 5V, VINL = 0)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C)
C
°
(
p
m
e
Tn
i
M )1
(
p
y
T )2
(
x
a
M
)
1
(
s
ti
n
U
h
c
ti
w
S
g
o
l
a
n
A
S
g
o
l
a
n
Al
a
n
gie
g
n
a
R
)
3
(
V
G
O
L
A
N
A
0+
VV
e
c
n
a
ts
is
e
R
-
n
OR N
O
,
V
2
1
=
+
V
I M
O
C
V
,
A
m
1
=
O
N
V
r
o
C
N
V
6
=
5
24
15
3
Ω
ll
u
F5
4
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
T
)
3
(
t N
O
V O
N
r
oV C
N
2
e
r
u
gi
F
,
V
6
=
5
25
80
5
1
s
n
ll
u
F0
4
2
e
m
i
T
ff
O
-
n
r
u
T
)
3
(
t FF
O
5
25
20
0
1
ll
u
F0
5
1
e
m
i
T
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
B
y
al
e
D
)
3
(
tD
yl
n
o
3
0
3
S
P5
22
5
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
CL
V
,
F
n
1
=
N
E
G
,
V
6
=
R N
E
G
=
0Ω
4
e
r
u
gi
F
,
5
2C
p
y
l
p
p
u
S
t
n
e
rr
u
C
yl
p
p
u
S
e
vi
ti
s
o
P+
I
V
,
V
2
.
3
1
=
+
V
N
I
,
+
V
r
o
V
0
=
ff
o
r
o
n
o
sl
e
n
n
a
h
c
ll
a
ll
u
F1
–1
0
.
01
µA
Electrical Specifications - Single +3.3V Supply
(V+ = 3.3V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C)
C
°
(
p
m
e
Tn
i
M )1
(
p
y
T
)
2
(
x
a
M
)
1
(
s
ti
n
U
h
c
ti
w
S
g
o
l
a
n
A
S
g
o
l
a
n
Al
a
n
gie
g
n
a
R
)
3
(
V
G
O
L
A
N
A
0+
VV
e
c
n
at
si
s
e
R
-
n
OR N
O
I
,
V
3
=
+
V
M
O
C
,
A
m
1
=
V O
N
V
r
o
C
N
V
5
.
1
=
5
23
85
7
1
Ω
ll
u
F2 5
7
ci
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
T
)
3
(
t N
O
VNO r
oVNC
2
e
r
u
gi
F
,
V
5
.
1
=
5
20
6
10
0
4
s
n
ll
u
F0
0
5
e
m
i
T
ff
O
-
n
r
u
T
)
3
(
t F
F
O
5
20
45
2
1
ll
u
F5
7
1
e
m
i
T
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
B
y
al
e
D
)
3
(
tD
yl
n
o
3
0
3
S
P5
22
5
n
o
it
c
ej
n
I
e
g
r
a
h
C
)
3
(
Q
CL
V
,
F
n
1
=
N
E
G
,
V
0
=
R N
E
G
=
0Ω
4
e
r
u
gi
F
,
5
21
5
C
p
y
l
p
p
u
S
t
n
e
rr
u
C
yl
p
p
u
S
e
vi
ti
s
o
P+
I
=
+
V3.6 V
,
V NI
,
+
V
r
o
V
0
=
ff
o
r
o
n
o
sl
e
n
n
a
h
c
ll
a
ll
u
F1
–1
0
.
01
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com