Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS302 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PS302
Description  Precision, Single-Supply SPST Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS302 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PS302 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
7
PS8187A
06/29/99
PS301/PS302/PS303
Precision, Single Supply SPST Analog Switches
Overvoltage
Proper power-supply sequencing is recommended for all CMOS
devices. Do not exceed the absolute maximum ratings, because
stresses beyond the listed ratings may cause permanent damage to
the devices. Always sequence V+ on first, and then logic inputs.
If power-supply sequencing is not possible, add two small signal
diodes or two current limiting resistors in series with the supply
pins for overvoltage protection (Figure 1). Adding diodes reduces
the analog signal range, but low switch resistance and low leakage
characteristics are unaffected.
Applications Information
Figure 1. Overvoltage protection is accomplished by using two
external blocking diodes or two current limiting resistors.
V+
Positive Supply
COM
NO
Vg
V-
Protection
GND
When powered from +5V the PS301/PS302/PS303 can be oper-
ated with either TTL- or CMOS-Logic levels. If V+ is different
than +5V, the logic threshold level will vary.
Power consumption is minimal when the logic control voltages
reach V+ or GND.
Logic Levels
Ordering Information
t
r
a
Pe
g
n
a
R
.
p
m
e
Te
g
a
k
c
a
P
3
S
P1
0A
P
CC
º
0
7
+
o
t
C
º
0P
I
D
c
it
s
a
l
P
8
3
S
P1
0A
S
CC
º
0
7
+
o
t
C
º
0O
S
w
o
r
r
a
N
8
3
S
P1
0CUA
C
º
0
7
+
o
t
C
º
0P
O
S
M
8
3
S
P1
0A
P
EC
º
5
8
+
o
t
C
º
0
4
–P
I
D
c
it
s
a
l
P
8
3
S
P1
0A
S
EC
º
5
8
+
o
t
C
º
0
4
–O
S
w
o
r
r
a
N
8
3
S
P2
0A
P
CC
º
0
7
+
o
t
C
º
0P
I
D
c
it
s
a
l
P
8
3
S
P2
0A
S
CC
º
0
7
+
o
t
C
º
0O
S
w
o
r
r
a
N
8
3
S
P2
0CUA
C
º
0
7
+
o
t
C
º
0P
O
S
M
8
t
r
a
Pe
g
n
a
R
.
p
m
e
Te
g
a
k
c
a
P
A
P
E
2
0
3
S
P
–
C
º
5
8
+
o
t
C
º
0
4
P
I
D
c
it
s
a
l
P
8
A
S
E
2
0
3
S
P
–
C
º
5
8
+
o
t
C
º
0
4
O
S
w
o
r
r
a
N
8
A
P
C
3
0
3
S
PC
º
0
7
+
o
t
C
º
0P
I
D
c
it
s
a
l
P
8
A
S
C
3
0
3
S
PC
º
0
7
+
o
t
C
º
0O
S
w
o
r
r
a
N
8
A
U
C
3
0
3
S
PC
º
0
7
+
o
t
C
º
0P
O
S
M
8
0
3
S
P
3 A
P
E
–
C
º
5
8
+
o
t
C
º
0
4
P
I
D
c
it
s
a
l
P
8
A
S
E
3
0
3
S
P
–
C
º
5
8
+
o
t
C
º
0
4
O
S
w
o
r
r
a
N
8
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com