Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS302 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PS302
Description  Precision, Single-Supply SPST Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS302 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PS302 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
3
PS8187A
06/29/99
PS301/PS302/PS303
Precision, Single Supply SPST Analog Switches
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C)
C
°
(
.
p
m
e
Tn
i
M )1
(
p
y
T
)
2
(
x
a
M
)
1
(
s
ti
n
U
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
Tt N
O
V O
N
r
oV C
N
2
e
r
u
g
i
F
,
V
3
=
5
25
80
5
1
s
n
ll
u
F0
4
2
e
m
i
T
ff
O
-
n
r
u
Tt FF
O
5
25
20
0
1
ll
u
F0
5
1
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
B
y
al
e
D
e
m
i
T
)
3
(
tD
R
,y
l
n
o
3
0
3
S
P
L
0
0
3
=
Ω C
, L
3
.
g
i
F
,
F
p
5
3
=
5
2
25
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
QCL
,
F
n
1
=V N
E
G
R
,
V
0
=
N
E
G
0
= Ω
4
.
g
i
F
,1
5
C
p
n
o
it
al
o
s
I
ff
O
)
7
(
R
R
I
ORL
0
5
= Ω C
, L
5
.
g
i
F
,z
H
M
1
=
f
,
F
p
5
=2
7
–
B
d
k
l
a
ts
s
o
r
CX K
L
A
T
RL
0
5
= Ω C
, L
6
.
g
i
F
,z
H
M
1
=
f
,
F
p
5
=5
8
–
ff
O
O
N
r
o
C
N
e
c
n
a
ti
c
a
p
a
C
C )F
F
O
(
7
e
r
u
g
i
F
,z
H
M
1
=
f
9
F
p
e
c
n
a
ti
c
a
p
a
C
ff
O
M
O
C
C
)
F
F
O
(
M
O
C
9
e
c
n
a
ti
c
a
p
a
C
n
O
M
O
C
C
)
N
O
(
M
O
C
8
e
r
u
g
i
F
,z
H
M
1
=
f2
2
y
l
p
p
u
S
e
g
n
a
R
yl
p
p
u
S
-r
e
w
o
P+
V
ll
u
F
7
.
26
1V
t
n
e
rr
u
C
yl
p
p
u
S
e
v
it
is
o
P+
I
V
,
V
5
.
5
=
+
V
N
I
,
+
V
r
o
V
0
=
ff
o
r
o
n
o
sl
e
n
n
a
h
c
ll
a
1
–1
µA
Electrical Specifications - Single +5V Supply (continued)
(V + = 5V ±10%, GND = 0V, V
INH =2.4V, VINL = 0.8V)
Notes:
1. The algebraic convention, where the most negative value is a minimum and the most positive is a maximum, is used in
this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design
4.
∆RΟΝ = RΟΝ max. - RΟΝ min.
5. Flatness is defined as the difference between the maximum and minimum value of on-resistance measured.
6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
7. Off Isolation = 20log10 [VCOM / (VNCor VNO)]. See Figure 5.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com