Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS302 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PS302
Description  Precision, Single-Supply SPST Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS302 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PS302 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS302 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
2
PS8187A
06/29/99
PS301/PS302/PS303
Precision, Single Supply SPST Analog Switches
Absolute Maximum Ratings
Caution: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating
and operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied.
Thermal Information
Continuous Power Dissipation
Plastic DIP (derate 6mW/ ºC above +70ºC) . . . . . . . . . 500mW
Narrow SO (derate 6mW/ ºC above +70ºC) . . . . . . . . 450mW
MSOP (derate 4mW/ ºC above +70ºC) . . . . . . . . . . . . 330mW
Storage Temperature . . . . . . . . . . . . . . . . . . -65ºC to +150ºC
Lead Temperature (soldering, 10s) . . . . . . . . . . . . . . .
+300ºC
Note 1: Signals on NC, NO, COM, or IN exceeding V+ or
GND are clamped by internal diodes. Limit forward diode
current to 30mA maximum.
Voltages Referenced to GND
V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +17V
VIN, VCOM, VNC, VNO (Note 1) . . . . . . . . . -2V to (V+) +2V
or 30mA, whichever occurs first
Current (any terminal) . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA
Peak Current, COM, NO, NC
(pulsed at 1ms, 10% duty cycle) . . . . . . . . . . . . . . . . . . 100mA
ESD per Method 3015.7 . . . . . . . . . . . . . . . . . . . . . . . >2000V
Electrical Specifications - Single +5V Supply (V+ = 5V +10%, GND = 0V, V
INH = 2.4V, VINL = 0.8V)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C)
C
°
(
.
p
m
e
Tn
i
M (2)
p
y
T
)
1
(
x
a
M
)
2
(
s
ti
n
U
h
c
ti
w
S
g
o
l
a
n
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
ll
u
F0
+
VV
e
c
n
a
ts
is
e
R
n
O
R N
O
,
V
5
.
4
=
+
V
V O
N
V
r
o
C
N
I
,
V
5
.
3
+
=
M
O
C
A
m
1
=
5
23
30
6
Ω
ll
u
F5
7
h
c
t
a
M
e
c
n
a
ts
is
e
R
-
n
O
sl
e
n
n
a
h
C
n
e
e
w
t
e
B
)
4
(
∆R N
O
V O
N
V
r
o
C
N
,
V
3
+
=
I M
O
C
=V
5
=
+
V
,
A
m
1
5
28
.
02
ll
u
F4
s
s
e
n
t
al
F
e
c
n
a
ts
is
e
R
-
n
O
)
5
(
R
)
N
O
(
T
A
L
F
,
V
5
=
+
V
I M
O
C
V
,
A
m
1
=
O
N
V
r
o
C
N
,
V
3
,
V
2
,
V
1
=
5
22
6
ll
u
F8
e
g
a
k
a
e
L
ff
O
C
N
r
o
O
N
t
n
e
rr
u
C
)
6
(
I
)
F
F
O
(
O
N
r
o
I
)
F
F
O
(
C
N
V
,
V
5
.
5
=
+
V
M
O
C
,
V
1
=
V O
N
V
r
o
C
N
V
5
.
4
=
5
21
.
0
–1
0
.
0
–1
.
0
A
n
ll
u
F5
–5
t
n
e
rr
u
C
e
g
a
k
a
e
L
ff
O
M
O
C
)
6
(
I
)
F
F
O
(
M
O
C
,
V
5
.
5
=
+
V
V M
O
C
V
,
V
5
.
4
=
O
N
V
r
o
C
N
V
1
=
5
21
.
0
–1
0
.
0
–1
.
0
ll
u
F
–5
5
t
n
e
rr
u
C
e
g
a
k
a
e
L
n
O
M
O
C
(6)
I
)
N
O
(
M
O
C
V
,
V
5
.
5
=
+
V
M
O
C
,
V
5
=
V O
N
V
r
o
C
N
V
5
=
5
2– 2
.
04
0
.
0
–2
.
0
ll
u
F0
1
–0
1
t
u
p
n
I
c
i
g
o
L
t
u
p
n
I
h
ti
w
t
n
e
rr
u
C
t
u
p
n
I
h
g
i
H
e
g
a
tl
o
V
I H
N
I
V N
I
V
8
.
0
=
s
r
e
h
t
o
ll
a
,
V
4
.
2
=ll
u
F5
.
0
–5
0
0
.
05
.
0
µA
t
u
p
n
I
h
ti
w
t
n
e
rr
u
C
t
u
p
n
I
w
o
L
e
g
a
tl
o
V
I L
N
I
V N
I
V
4
.
2
=
s
r
e
h
t
o
ll
a
,
V
8
.
0
=5
.
0
–5
0
0
.
05
.
0
e
g
a
tl
o
V
t
u
p
n
I
h
g
i
H
ci
g
o
LV H
N
I
4
.
2
V
e
g
a
tl
o
V
t
u
p
n
I
w
o
L
ci
g
o
LV L
N
I
8
.
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com