Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS001-R Datasheet(PDF) 6 Page - Silicon Laboratories

Part # AMS001-R
Description  Embedded Bluetooth Low Energy Solutions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMS001-R Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button AMS001-R Datasheet HTML 2Page - Silicon Laboratories AMS001-R Datasheet HTML 3Page - Silicon Laboratories AMS001-R Datasheet HTML 4Page - Silicon Laboratories AMS001-R Datasheet HTML 5Page - Silicon Laboratories AMS001-R Datasheet HTML 6Page - Silicon Laboratories AMS001-R Datasheet HTML 7Page - Silicon Laboratories AMS001-R Datasheet HTML 8Page - Silicon Laboratories AMS001-R Datasheet HTML 9Page - Silicon Laboratories AMS001-R Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
Block Diagram, Section 2
ADS-MS00x-107R • Preliminary Data Sheet
Page | 2
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
2 Block Diagram
Figure 1 is a block diagram showing the architecture of
AMS00x Bluetooth Low Energy modules. The major
components are a Bluetooth Low Energy SoC from
Broadcom, 24MHz crystal, 8 Mbit serial flash and a PCB-
style antenna. The AMS001 version also includes a high-
efficiency DC-DC switching regulator to significantly re-
duce active mode power consumption.
The Bluetooth SoC is powered by an ARM Cortex M3-
based processor running at 24 MHz. The SoC is driven
by a 24 MHz crystal, an on-board real-time clock may
be (optionally) enabled by connecting an external
32kHz crystal.
The 8 Mbit serial flash memory stores the ACKme
TruConnect™ application and user configuration, and
enables secure Over-the-Air (OTA) wireless firmware
updates. The on-board PCB antenna simplifies RF inte-
gration into end products.
An extensive array of analog and digital peripherals in-
cluding ADCs, GPIOs, PWMs and multiple serial inter-
faces such as UART, SPI and I2C are accessible via mod-
ule pins.
The module is powered by a single-rail battery or mains
supply.
Figure 1. AMS00x Architecture
VDD
32kHz XTAL
SPI
UART
I2C
ADC
GPIO
PWM
Reset
8 Mbit
Serial Flash
AMS00x
DC-DC
AMS001
Only
24MHz
Bluetooth
Low Energy
SoC
ARM Cortex M3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com