Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS001-R Datasheet(PDF) 9 Page - Silicon Laboratories

Part # AMS001-R
Description  Embedded Bluetooth Low Energy Solutions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMS001-R Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button AMS001-R Datasheet HTML 5Page - Silicon Laboratories AMS001-R Datasheet HTML 6Page - Silicon Laboratories AMS001-R Datasheet HTML 7Page - Silicon Laboratories AMS001-R Datasheet HTML 8Page - Silicon Laboratories AMS001-R Datasheet HTML 9Page - Silicon Laboratories AMS001-R Datasheet HTML 10Page - Silicon Laboratories AMS001-R Datasheet HTML 11Page - Silicon Laboratories AMS001-R Datasheet HTML 12Page - Silicon Laboratories AMS001-R Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
Electrical Specifications, Section 3
ADS-MS00x-107R • Preliminary Data Sheet
Page | 5
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
3.4 Input/Output Pins
All digital I/O pins have a maximum input voltage rating of VSS-0.3V to VDD+0.3V.
The maximum supply voltage is 3.63V.
Consequently, digital I/O pins are NOT +5V tolerant.
Table 6. Digital I/O Pin Levels
Symbol
Description
Min.
Typical
Max.
Unit
VIL
Input low voltage
0.4
V
VIH
Input high voltage
0.75 x VDD
V
VOL
Output low voltage1
0.4
V
VOH
Output high voltage1
VDD – 0.4
V
Notes:
1. At the specified drive current for the pin.
3.5 ADC Specifications
Table 7. ADC Specifications (@ 25°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input Channels
8
Channel Switching Rate
fch
133.33
kch/s
Input signal range
Vinp
0
3.63
V
Reference settling time
7.5
µS
Input resistance
Rin
Effective, single ended
500
Input capacitance
Cin
5
pF
Conversion rate
Rc
5.859
187
kHz
Conversion time
Tc
5.35
170.7
µS
Effective Number of Bits
ENOB
10
13
bits
Abs. Voltage Meas. Error
±2
%
Current
I
1
mA
Leakage Current
Ileakage
100
nA
Power-up time
Tpup
200
µS
Integral nonlinearity
INL
LSBs at the 10-bit level
-1
1
LSB
Differential nonlinearity
DNL
LSBs at the 10-bit level
-1
1
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com