Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS001-R Datasheet(PDF) 22 Page - Silicon Laboratories

Part # AMS001-R
Description  Embedded Bluetooth Low Energy Solutions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMS001-R Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button AMS001-R Datasheet HTML 18Page - Silicon Laboratories AMS001-R Datasheet HTML 19Page - Silicon Laboratories AMS001-R Datasheet HTML 20Page - Silicon Laboratories AMS001-R Datasheet HTML 21Page - Silicon Laboratories AMS001-R Datasheet HTML 22Page - Silicon Laboratories AMS001-R Datasheet HTML 23Page - Silicon Laboratories AMS001-R Datasheet HTML 24Page - Silicon Laboratories AMS001-R Datasheet HTML 25Page - Silicon Laboratories AMS001-R Datasheet HTML 26Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
Regulatory Certification, Section 7
ADS-MS00x-107R • Preliminary Data Sheet
Page | 18
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
Table 12. European Compliance Testing
AMS001
Certification
Standard
Article
Laboratory
Report Number
Date
Safety
EN 60950-1:2006 + A11:2009 +
A1:2010 + A12:2011
3.1(a)
Shenzhen Morlab
Communications
Technology Co.,
Ltd.
SZ15010120A01
2015-Feb-09
Health
EN 50371:2002-03
SZ15010120S01A
2015-Feb-09
EMC
EN 301 489-1 v1.9.2 (2011-09)
3.1(b)
SZ15010120E01A
2015-Feb-09
EN301 489-17 v2.2.1 (2012-09)
Radio
EN 300 328 v1.8.1 (2012-06)
3.2
SZ15010120W04A
2015-Feb-09
Notified Body
Opinion
0700
-
PHOENIX TESTLAB
15-110950
2015-Feb-13
AMS002
Certification
Standard
Article
Laboratory
Report Number
Date
Safety
EN 60950-
1:2006+A11:2009+A1:2010
3.1(a)
Shenzhen Morlab
Communications
Technology Co.,
Ltd.
SZ14100103A01
2015-Jan-07
Health
EN 50371:2002-03
SZ14100103S01A
2015-Jan-04
EMC
EN 301 489-1 v1.9.2 (2011-09)
3.1(b)
SZ14100103E01
2014-Nov-11
EN301 489-17 v2.2.1 (2012-09)
Radio
EN 300 328 v1.8.1 (2012-06)
3.2
SZ14100103W04
2015-Jan-06
Notified Body
Opinion
0700
-
PHOENIX TESTLAB
15-110130
2015-Jan-12
7.4 Australia
Australian radio regulations do not provide a modular
approval policy similar to the United States (FCC) and
Canada (IC). However, AMS-00x module test reports
may be used in part to demonstrate compliance in ac-
cordance with ACMA Radio communications “Short
Range Devices” Standard 2004 which references Aus-
tralia/New
Zealand
industry
standard
AS/NZS-
4268:2012. AMS-00x RF transmitter test reports may be
used as part of the product certification and compliance
folder. For further information regarding the availability
of RF test reports, please contact ACKme Networks via
our website at http://ack.me/contact.
External Antenna Requirements
The compliance test reports provided in Table 12 were
performed using the AMS-00x on-board antenna. If an
external antenna is used with the AMS-00x module,
additional testing of the end product is needed to meet
Australian regulatory requirements.
Further Information
Additional information may be obtained from the Aus-
tralian Communications and Media Authority website
at http://www.acma.gov.au.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com