Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS001-R Datasheet(PDF) 7 Page - Silicon Laboratories

Part # AMS001-R
Description  Embedded Bluetooth Low Energy Solutions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMS001-R Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button AMS001-R Datasheet HTML 3Page - Silicon Laboratories AMS001-R Datasheet HTML 4Page - Silicon Laboratories AMS001-R Datasheet HTML 5Page - Silicon Laboratories AMS001-R Datasheet HTML 6Page - Silicon Laboratories AMS001-R Datasheet HTML 7Page - Silicon Laboratories AMS001-R Datasheet HTML 8Page - Silicon Laboratories AMS001-R Datasheet HTML 9Page - Silicon Laboratories AMS001-R Datasheet HTML 10Page - Silicon Laboratories AMS001-R Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
Electrical Specifications, Section 3
ADS-MS00x-107R • Preliminary Data Sheet
Page | 3
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
3 Electrical Specifications
3.1 Absolute Maximum Ratings
CAUTION! The absolute maximum ratings in Table 1 and Table 2 indicate levels where permanent damage to the de-
vice can occur, even if these limits are exceeded for only a brief duration. Functional operation is not guaranteed un-
der these conditions. Operation at absolute maximum conditions for extended periods can adversely affect long-
term reliability of the device.
Table 1. Absolute Maximum Voltage Ratings
Symbol
Ratings
Min.
Max.
Unit
VDDmax
DC supply voltage applied to VDD pin
GND - 0.3
3.8
V
VIO
Voltage on input or output pin
GND - 0.3
VDDmax + 0.3
V
Table 2. Absolute Maximum Environmental Ratings
Characteristic
Note
Min.
Max.
Unit
Storage Temperature
-40
+125
°C
Relative Humidity
Non-condensing (storage)
65
%
3.2 Recommended Operating Conditions
Functional operation is not guaranteed outside the limits shown in Table 3 and Table 4, and operation outside these
limits for extended periods can adversely affect long-term reliability of the device.
DC Operating Conditions
Table 3. Recommended DC Operating Conditions
Symbol
Ratings1
Min.
Typical
Max.
Unit
VDD
DC supply voltage applied to VDD pin
On-board serial flash read-only
1.8
3.63
V
On-board serial flash read and write
2.1
3.63
V
On-board serial flash at power-on
2.252
3.63
V
Notes:
1. Overall performance degrades beyond minimum and maximum supply voltages.
2. The module may fail to boot if this condition is not met when power is initially applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com