Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS001-R Datasheet(PDF) 17 Page - Silicon Laboratories

Part # AMS001-R
Description  Embedded Bluetooth Low Energy Solutions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMS001-R Datasheet(HTML) 17 Page - Silicon Laboratories

Back Button AMS001-R Datasheet HTML 13Page - Silicon Laboratories AMS001-R Datasheet HTML 14Page - Silicon Laboratories AMS001-R Datasheet HTML 15Page - Silicon Laboratories AMS001-R Datasheet HTML 16Page - Silicon Laboratories AMS001-R Datasheet HTML 17Page - Silicon Laboratories AMS001-R Datasheet HTML 18Page - Silicon Laboratories AMS001-R Datasheet HTML 19Page - Silicon Laboratories AMS001-R Datasheet HTML 20Page - Silicon Laboratories AMS001-R Datasheet HTML 21Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
Design Guidelines, Section 6
ADS-MS00x-107R • Preliminary Data Sheet
Page | 13
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
2. Factory Settings. Factory configuration provides a
way to save a configuration at manufacturing time.
Factory settings are saved using the TruConnect
command:
save factory <BD_ADDR>
Save with the lock option to ensure that factory
settings cannot be overwritten:
save factory <BD_ADDR> lock
CAUTION! The factory configuration cannot be
changed after saving with the lock option.
If no factory configuration is present or it is corrupt-
ed, then TruConnect loads the basic compile-time
default configuration.
3.
Default Settings. The default configuration is a
sane set of defaults that are hardcoded in TruCon-
nect.
Factory Reset
The module may be factory reset with a TruConnect
command, or by asserting the factory reset pin at
bootup.
To factory reset via a command, issue:
> fac <BD_ADDR>
To factory reset via the factory reset GPIO:
1. Identify the GPIO used for factory reset by issu-
ing the command to get GPIO usage: get gp u
(the factory reset default is GPIO 6).
2. Assert a logic 1 (high) on the pin associated
with the factory reset GPIO
3. Assert and de-assert the reset pin to force the
module to reboot
4. Wait at least 10 seconds (the status of factory
reset is printed to the User UART
5. De-assert the factory reset pin
Command and Stream Mode
The module boots into serial bus command mode by
default and accepts configuration and control com-
mands via the User UART. Once the configuration is
saved, stream mode may be used to transfer data be-
tween the serial interface and a remote device con-
nected to the Bluetooth LE wireless interface. To toggle
between command mode and stream mode, the GPIO
alternate function mode_sel may be used (if config-
ured), or to simply transition from command mode to
stream mode, use the str command.
Once in stream mode, characters received from a host
MCU on the serial interface are automatically transmit-
ted to a remotely connected device via the BLE wireless
interface, and characters received from a remotely
connected device on the BLE wireless interface are
seamlessly transmitted on the serial interface to the
host MCU.
Configuration of the module is also possible using a re-
motely connected application, however if the serial in-
terface is configured to use command mode, remote
applications are forbidden from accessing the com-
mand interface. To grant a remote application access to
the command interface, the serial interface must first
place the module into stream mode to signal that it no
longer requires access to the command parser.
GPIO Configuration & Usage
The default GPIO configuration of the module is shown
in the following list, obtained by issuing the TruConnect
command sequence get gp u. The User UART, factory
reset and I2C pins are configured by default. All other
pins are unassigned or reserved.
> get gp u
!
# Description
#
0 i2c_sda
#
1 i2c_scl
#
2 user_tx
#
3 none
#
4 none
#
5 user_rx
#
6 none,factory
#
7 reserved
#
8 none
#
9 none
# 10 none
# 11 none
# 12 none
# 13 none
# 14 none
To configure a GPIO pin for use, the pin must be as-
signed a function. A large range of functions is availa-
ble, please refer to the TruConnect reference guide
online (at the following link) for further information:
http://truconnect.ack.me/commands#gfu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com