Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS001-R Datasheet(PDF) 8 Page - Silicon Laboratories

Part # AMS001-R
Description  Embedded Bluetooth Low Energy Solutions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMS001-R Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button AMS001-R Datasheet HTML 4Page - Silicon Laboratories AMS001-R Datasheet HTML 5Page - Silicon Laboratories AMS001-R Datasheet HTML 6Page - Silicon Laboratories AMS001-R Datasheet HTML 7Page - Silicon Laboratories AMS001-R Datasheet HTML 8Page - Silicon Laboratories AMS001-R Datasheet HTML 9Page - Silicon Laboratories AMS001-R Datasheet HTML 10Page - Silicon Laboratories AMS001-R Datasheet HTML 11Page - Silicon Laboratories AMS001-R Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
Electrical Specifications, Section 3
ADS-MS00x-107R • Preliminary Data Sheet
Page | 4
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
Environmental Conditions
Table 4. Recommended Environmental Conditions
Characteristic
Note
Min.
Max.
Unit
Ambient Temperature
-30
+85
°C
Relative Humidity
Non-condensing (operating)
–
85
%
3.3 Power Consumption
The AMS00x automatically adjusts power dissipation based on user activity to minimize power usage. The power
consumption in each state, and for each version of the module, is specified in Table 5.
Table 5. Power Consumption (3.0V, 25°C)
Operational State
Note
Typical
Unit
Deep sleep1
BLE Chip (0.65 µA) + Serial Flash (1 µA)
1.65
µA
Sleep
Wake in <5ms
12.0
µA
AMS001
Active Receive
Receiver enabled and operating at 100% duty cycle
12.8
mA
Active Transmit2
Transmitter enabled and operating at 100% duty cycle
10.8
mA
AMS002
Active Receive
Receiver enabled and operating at 100% duty cycle
26.6
mA
Active Transmit2
Transmitter enabled and operating at 100% duty cycle
22.0
mA
Notes:
1. Requires 10K pullup resistor on module pin 6. See 6.5.1, UART Application for Configuration and Streaming
2. RF transmit power = 0dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com