Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7201 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP7201
Description  DUAL 150mA LOW DROPOUT LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7201 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP7201 Datasheet HTML 1Page - Diodes Incorporated AP7201 Datasheet HTML 2Page - Diodes Incorporated AP7201 Datasheet HTML 3Page - Diodes Incorporated AP7201 Datasheet HTML 4Page - Diodes Incorporated AP7201 Datasheet HTML 5Page - Diodes Incorporated AP7201 Datasheet HTML 6Page - Diodes Incorporated AP7201 Datasheet HTML 7Page - Diodes Incorporated AP7201 Datasheet HTML 8Page - Diodes Incorporated AP7201 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AP7201
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
AP7201 Rev. 3
5 of 13
MAY 2014
www.diodes.com
© Diodes Incorporated
DISCONTINUED
Typical Performance Characteristics
Dropout Voltage vs. Output Current
1.8V Output Voltage
0
20
40
60
80
100
120
140
160
180
200
020
40
60
80
100
Output Current (mA)
85°C
-40°C
25°C
Dropout Voltage vs Output Current
3.3V Output Voltage
0
20
40
60
80
100
120
0
2040
6080
100
Output Current (m A)
85°C
-40°C
25°C
Current Limit vs. Temperature
150
200
250
300
-40
-20
0
2040
6080
Temperature (Celsius)
1.8V Output
3.3V Output
Short Circuit Protection
0
100
200
300
22.533.544.5
55.5
6
Input Voltage (V)
1.8V Output
3.3V Output
Quiescent Current vs. Input Voltage
1.8V Fixed Output
0
5
10
15
20
25
30
2.8
3.8
4.8
5.8
Input Voltage (V)
-40°C
25°C
+85°C
Quiescent Current vs. Input Voltage
3.3V fixed output
5
10
15
20
25
30
35
4.3
4.8
5.3
5.8
Input Voltage (V)
-40° C
25°C
85°C
Vin = Vout + 1
Vin = (Vout + 1) to 6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com