Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7201 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP7201
Description  DUAL 150mA LOW DROPOUT LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7201 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP7201 Datasheet HTML 5Page - Diodes Incorporated AP7201 Datasheet HTML 6Page - Diodes Incorporated AP7201 Datasheet HTML 7Page - Diodes Incorporated AP7201 Datasheet HTML 8Page - Diodes Incorporated AP7201 Datasheet HTML 9Page - Diodes Incorporated AP7201 Datasheet HTML 10Page - Diodes Incorporated AP7201 Datasheet HTML 11Page - Diodes Incorporated AP7201 Datasheet HTML 12Page - Diodes Incorporated AP7201 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AP7201
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
AP7201 Rev. 3
12 of 13
MAY 2014
www.diodes.com
© Diodes Incorporated
DISCONTINUED
Marking Information
(1) DFN2018-6 (USP-6B)
Y : Year
( Top View )
X : G : Green
Y WW X
AA BB
AA : Output 1
.
WW : Month 01~52
BB : Output 2
"
7" : 2007
"
8" : 2008
Marking ID Code Table
(1) DFN2018-6 (USP-6B)
Bottom View
Side View
1.75/1.875
1.3/1.5
0.50Typ
0.15/0.25
6X-
0.10 C
0.08 C
C
Seating Plane
A
B
2X-
0.25 B
0.10
C AB
Pin #1 ID
CL
CL
0.30Typ
Device
ID Code
AP7201-1818FM
1818
AP7201-1828FM
1828
AP7201-2828FM
2828
Package Information ( All Dimensions in mm )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com