Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7201 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP7201
Description  DUAL 150mA LOW DROPOUT LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7201 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP7201 Datasheet HTML 5Page - Diodes Incorporated AP7201 Datasheet HTML 6Page - Diodes Incorporated AP7201 Datasheet HTML 7Page - Diodes Incorporated AP7201 Datasheet HTML 8Page - Diodes Incorporated AP7201 Datasheet HTML 9Page - Diodes Incorporated AP7201 Datasheet HTML 10Page - Diodes Incorporated AP7201 Datasheet HTML 11Page - Diodes Incorporated AP7201 Datasheet HTML 12Page - Diodes Incorporated AP7201 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AP7201
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
AP7201 Rev. 3
11 of 13
MAY 2014
www.diodes.com
© Diodes Incorporated
DISCONTINUED
Application Note (Continued)
Wide Fixed Output Range
The AP7201, with a wide fixed output range of 1V to
3.3V, provides a versatile solution for many portable and
low power applications.
Low Quiescent Current
The AP7201, consuming only around 25µA for all input
range, provides great power saving in portable and low
power applications.
Thermal Shutdown Protection
Thermal protection disables both outputs when the
junction temperature rises to approximately +145°C,
allowing the device to cool down. When the junction
temperature reduces to approximately +130°C the
output circuitry is enabled again. Depending on power
dissipation,
thermal
resistance,
and
ambient
temperature, the thermal protection circuit may cycle on
and off. This cycling limits the heat dissipation of the
regulator, protecting it from damage due to overheating.
Power Dissipation
The device power dissipation and proper sizing of the
thermal plane that is connected to the thermal pad is
critical to avoid thermal shutdown and ensure reliable
operation. Power dissipation of the device depends on
input voltage and load conditions and can be calculated
by:
OUT
OUT
IN
D
xI
)
V
V
(
P
=
The AP7201 is available in the DFN2818-6 package
with exposed pad, which is the primary conduction path
for heat to the printed circuit board (PCB). The pad can
be connected to ground or be left floating; however, to
ensure the device will not overheat, it should be
attached to an appropriate amount of copper PCB area.
The maximum power dissipation, handled by the device,
depends on the maximum junction to ambient thermal
resistance,
maximum
ambient
temperature,
and
maximum device junction temperature, which can be
calculated by the equation in the following:
JA
A
A
D
R
)
T
C
145
(
)
T
(max@
P
θ
°
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com