Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7201 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7201
Description  DUAL 150mA LOW DROPOUT LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7201 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7201 Datasheet HTML 1Page - Diodes Incorporated AP7201 Datasheet HTML 2Page - Diodes Incorporated AP7201 Datasheet HTML 3Page - Diodes Incorporated AP7201 Datasheet HTML 4Page - Diodes Incorporated AP7201 Datasheet HTML 5Page - Diodes Incorporated AP7201 Datasheet HTML 6Page - Diodes Incorporated AP7201 Datasheet HTML 7Page - Diodes Incorporated AP7201 Datasheet HTML 8Page - Diodes Incorporated AP7201 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP7201
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
AP7201 Rev. 2
2 of 13
APRIL 2008
www.diodes.com
© Diodes Incorporated
DISCONTINUED
EN2
VIN
EN1
DFN2018-6 (USP-6B)
1
2
3
6
5
4
VOUT2
VOUT1
VSS
( Top View )
Pin Descriptions
Pin Name
Pin Number
Function
EN2
1
Enable input 2 (Active High)
VIN
2
Voltage input pin.
Bypass to ground through at least 0.22µF ceramic capacitor.
EN1
3
Enable input 1 (Active High)
GND (VSS)
4
Ground
OUT1
5
Voltage output 1.
Bypass to ground through at least 0.22µF ceramic capacitor.
OUT2
6
Voltage output 2.
Bypass to ground through at least 0.22µF ceramic capacitor.
Typical Application Circuits
EN2
IN
EN1
OUT2
OUT1
GND
ON
OFF
1uF
VIN
1uF
VOUT2
1uF
VOUT1
ON
OFF
Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com