Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7201 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7201
Description  DUAL 150mA LOW DROPOUT LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7201 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7201 Datasheet HTML 1Page - Diodes Incorporated AP7201 Datasheet HTML 2Page - Diodes Incorporated AP7201 Datasheet HTML 3Page - Diodes Incorporated AP7201 Datasheet HTML 4Page - Diodes Incorporated AP7201 Datasheet HTML 5Page - Diodes Incorporated AP7201 Datasheet HTML 6Page - Diodes Incorporated AP7201 Datasheet HTML 7Page - Diodes Incorporated AP7201 Datasheet HTML 8Page - Diodes Incorporated AP7201 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP7201
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
AP7201 Rev. 2
1 of 13
APRIL 2008
www.diodes.com
© Diodes Incorporated
DISCONTINUED
Wide input voltage range: 1.9V – 5.5V
Low dropout voltage: 100mV at 100mA output current
Very low quiescent current (Iq): 25uA typical
Fixed output voltage: 1.0V to 3.3V
Up to 150mA per output channel
Very fast transient response
High PSRR: 78dB at 1kHz
Accurate voltage regulation
300mA current limiting
Thermal shutdown protection
Ambient temperature range -40ºC to 85°C
Package available: DFN2018-6 (USP-6B)
DFN2018-6 (USP-6B): Available in “Green” Molding
Compound (No Br, Sb)
Lead Free Finish / RoHS Compliant (Note 1)
The AP7201 is a dual low-dropout (LDO) CMOS linear regulator.
The device operates from 1.9V to 5.5V input and delivers up to
150mA per output channel.
The AP7201 includes a pass element, voltage reference, error
amplifier, current limit and built-in phase compensation. Key
features include individual logic-compatible enable/shutdown
control inputs, fold-back current limit and thermal shutdown
protections.
The AP7201 is fully compatible with low ESR ceramic capacitors,
reducing cost and improving output stability. The fixed output
voltage for each channel is set independently. Voltages are
100mV per step within a range of 1.0V to 3.3V.
The EN function allows the output of each channel to be turned
off
independently,
resulting
in
greatly
reduced
power
consumption. The AP7201 is available in the DFN2018-6
(USP-6B) package.
Cell Phones
Smart Phones and PDA
MP3/MP4
PMP
Bluetooth Headsets
Digital Still Cameras
GPS
AP 7201-
XX X X
Package
FM : DFN2018-6
(USP-6B)
G : Green
- 7 : Taping& Reel
XX
Lead Free
Packing
10: 1.0V
11: 1.1V
33: 3.3V
XX
Output 2
Output 1
10: 1.0V
11: 1.1V
33: 3.3V (Note 2)
Device
Pb-Free or
Green
Package
Code
Packaging
(Note 3)
7” Tape and Reel
Quantity
Part Number
Suffix
AP7201-1818FMG-7
FM
DFN2018-6 (USP-6B)
3000/Tape & Reel
-7
AP7201-1828FMG-7
FM
DFN2018-6 (USP-6B)
3000/Tape & Reel
-7
AP7201-2828FMG-7
FM
DFN2018-6 (USP-6B)
3000/Tape & Reel
-7
Notes:
1. RoHS revision 13.2.2003. Glass and high temperature solder exemptions applied, see EU Directive Annex Notes 5 and 7.
2. Diodes, Inc. offers custom laser trimming for additional Fixed output voltage combinations from 1.0V to 3.3V. For output voltage availability,
please contact your local Diodes, Inc. sales representative.
3. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information


Similar Part No. - AP7201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP7212 ETC-AP7212 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
logo
Diodes Incorporated
AP7215 DIODES-AP7215 Datasheet
210Kb / 11P
600mA CMOS LDO
AP7215 Rev. 1
logo
List of Unclassifed Man...
AP7215 ETC-AP7215 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
logo
Diodes Incorporated
AP7215-33SG-13 DIODES-AP7215-33SG-13 Datasheet
210Kb / 11P
600mA CMOS LDO
AP7215 Rev. 1
AP7215-33YG-13 DIODES-AP7215-33YG-13 Datasheet
210Kb / 11P
600mA CMOS LDO
AP7215 Rev. 1
More results

Similar Description - AP7201

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
Low Noise Low Dropout, 150mA Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
150mA Low-Noise Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com