Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM341 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM341
Description  3-Terminal 500-mA Positive Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM341 Datasheet(HTML) 3 Page - Texas Instruments

  LM341_17 Datasheet HTML 1Page - Texas Instruments LM341_17 Datasheet HTML 2Page - Texas Instruments LM341_17 Datasheet HTML 3Page - Texas Instruments LM341_17 Datasheet HTML 4Page - Texas Instruments LM341_17 Datasheet HTML 5Page - Texas Instruments LM341_17 Datasheet HTML 6Page - Texas Instruments LM341_17 Datasheet HTML 7Page - Texas Instruments LM341_17 Datasheet HTML 8Page - Texas Instruments LM341_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
LM341, LM78M05
www.ti.com
SNVS090F – MAY 2004 – REVISED DECEMBER 2016
Product Folder Links: LM341 LM78M05
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
NDE Package
3-Pin TO-220
Top View
NDP Package
3-Pin TO-252
Top View
NDT Package
3-Pin TO
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
TO-220
TO-252
TO
GND
2/TAB
2/TAB
3
—
Tab is GND
INPUT
1
1
1
I
Input
OUTPUT
2
2
2
O
Output
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Input voltage
VO = 5 V to 15 V
35
V
Power dissipation
Internally limited
Lead temperature (Soldering, 10 s)
TO package (NDT)
300
°C
TO-220 package (NDE)
260
Operating junction temperature
–40
125
°C
Storage temperature, Tstg
–65
150
°C
6.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input voltage
VOUT + 1.8
35
V
Output current
0.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com