Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM341 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM341
Description  3-Terminal 500-mA Positive Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM341 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM341_17 Datasheet HTML 7Page - Texas Instruments LM341_17 Datasheet HTML 8Page - Texas Instruments LM341_17 Datasheet HTML 9Page - Texas Instruments LM341_17 Datasheet HTML 10Page - Texas Instruments LM341_17 Datasheet HTML 11Page - Texas Instruments LM341_17 Datasheet HTML 12Page - Texas Instruments LM341_17 Datasheet HTML 13Page - Texas Instruments LM341_17 Datasheet HTML 14Page - Texas Instruments LM341_17 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
LM341, LM78M05
www.ti.com
SNVS090F – MAY 2004 – REVISED DECEMBER 2016
Product Folder Links: LM341 LM78M05
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM341 and LM78Mxx devices are fixed voltage regulators meaning no external feedback resistors are
required to set the output voltage. Input and output capacitors are also not required for the device to be stable.
However input capacitance helps filter noise from the supply and output capacitance improves the transient
response.
8.2 Typical Application
*Required if regulator input is more than 4 inches from input filter capacitor (or if no input filter capacitor is used).
**Optional for improved transient response.
Figure 11. Typical Application
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
PARAMETER
VALUE
CIN
0.33 µF
COUT
0.1 µF
8.2.2 Detailed Design Procedure
8.2.2.1 Input Voltage
Regardless of the output voltage option being used (5 V, 12 V, 15 V), the input voltage must be at least 2 V
greater to ensure proper regulation (7 V, 14 V, 17 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com