Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM341 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM341
Description  3-Terminal 500-mA Positive Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM341 Datasheet(HTML) 4 Page - Texas Instruments

  LM341_17 Datasheet HTML 1Page - Texas Instruments LM341_17 Datasheet HTML 2Page - Texas Instruments LM341_17 Datasheet HTML 3Page - Texas Instruments LM341_17 Datasheet HTML 4Page - Texas Instruments LM341_17 Datasheet HTML 5Page - Texas Instruments LM341_17 Datasheet HTML 6Page - Texas Instruments LM341_17 Datasheet HTML 7Page - Texas Instruments LM341_17 Datasheet HTML 8Page - Texas Instruments LM341_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
LM341, LM78M05
SNVS090F – MAY 2004 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM341 LM78M05
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.3 Thermal Information
THERMAL METRIC(1)
LM341
LM78M05
UNIT
NDE (TO-220)
NDP (TO-252)
NDT (TO)
3 PINS
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
22.6
38
162.4
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
17.8
48.4
23.9
°C/W
RθJB
Junction-to-board thermal resistance
6
17.7
—
°C/W
ψJT
Junction-to-top characterization parameter
3.3
6.7
—
°C/W
ψJB
Junction-to-board characterization parameter
6
17.9
—
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
1.3
4.4
—
°C/W
6.4 Electrical Characteristics: LM341 (5 V) and LM78M05
VIN = 10 V, CIN = 0.33 µF, CO = 0.1 µF, TJ = 25°C (unless otherwise noted). Limits are specified by production testing or
correlation techniques using standard Statistical Quality Control (SQC) methods.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
IL = 500 mA
4.8
5
5.2
V
IL = 5 mA to 500 mA, PD ≤ 7.5 W,
VIN = 7.5 V to 20 V, TJ = –40°C to 125°C
4.75
5
5.25
VRLINE
Line regulation
VIN = 7.2 V to 25 V
IL = 100 mA
50
mV
IL = 500 mA
100
VRLOAD
Load regulation
IL = 5 mA to 500 mA
100
mV
IQ
Quiescent current
IL = 500 mA
4
10
mA
ΔIQ
Quiescent current change
IL = 5 mA to 500 mA
0.5
mA
VIN = 7.5 V to 25 V, IL = 500 mA
1
Vn
Output noise voltage
f = 10 Hz to 100 kHz
40
µV
ΔVIN
Ripple rejection
f = 120 Hz, IL = 500 mA
78
dB
VIN
Input voltage required to maintain
line regulation
IL = 500 mA
7.2
V
ΔVO
Long-term stability
IL = 500 mA, TJ = –40°C to 125°C
20
mV/khrs
6.5 Electrical Characteristics: LM341 (12 V)
VIN = 19 V, CIN = 0.33 µF, CO = 0.1 µF, TJ = 25°C (unless otherwise noted). Limits are specified by production testing or
correlation techniques using standard Statistical Quality Control (SQC) methods.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
IL = 500 mA
11.5
12
12.5
V
IL = 5 mA to 500 mA, PD ≤ 7.5 W, VIN = 14.8 V
to 27 V, TJ = –40°C to 125°C
11.4
12
12.6
VRLINE
Line regulation
VIN = 14.5 V to 30 V
IL = 100 mA
120
mV
IL = 500 mA
240
VRLOAD
Load regulation
IL = 5 mA to 500 mA
240
mV
IQ
Quiescent current
IL = 500 mA
4
10
mA
ΔIQ
Quiescent current change
IL = 5 mA to 500 mA
0.5
mA
VIN = 14.8 V to 30 V, IL = 500 mA
1
Vn
Output noise voltage
f = 10 Hz to 100 kHz
75
µV
ΔVIN
Ripple rejection
f = 120 Hz, IL = 500 mA
71
dB
VIN
Input voltage required to maintain
line regulation
IL = 500 mA
14.5
V
ΔVO
Long-term stability
IL = 500 mA, TJ = –40°C to 125°C
48
mV/khrs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com