Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM341 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM341
Description  3-Terminal 500-mA Positive Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM341 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM341_17 Datasheet HTML 10Page - Texas Instruments LM341_17 Datasheet HTML 11Page - Texas Instruments LM341_17 Datasheet HTML 12Page - Texas Instruments LM341_17 Datasheet HTML 13Page - Texas Instruments LM341_17 Datasheet HTML 14Page - Texas Instruments LM341_17 Datasheet HTML 15Page - Texas Instruments LM341_17 Datasheet HTML 16Page - Texas Instruments LM341_17 Datasheet HTML 17Page - Texas Instruments LM341_17 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
LM341, LM78M05
SNVS090F – MAY 2004 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM341 LM78M05
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Thermal Considerations (continued)
The case temperature is measured at the point where the leads contact the mounting pad surface
Figure 16. Cross-Sectional View of Integrated Circuit Mounted on a Printed-Circuit Board
The LM341 and LM78M05 regulators have internal thermal shutdown to protect the device from overheating.
Under all possible operating conditions, the junction temperature of the LM341 and LM78M05 must be within the
range of 0°C to 125°C. A heat sink may be required depending on the maximum power dissipation and maximum
ambient temperature of the application. To determine if a heat sink is needed, the power dissipated by the
regulator (PD) is calculated using Equation 1.
IIN = IL + IG
(1)
PD = (VIN – VOUT) × IL + (VIN × IG)
(2)
Figure 17 shows the voltages and currents which are present in the circuit.
Figure 17. Power Dissipation Diagram
The next parameter which must be calculated is the maximum allowable temperature rise, TR(MAX).
TR(MAX) = TJ(MAX) – TA(MAX)
where
•
TJ(MAX) is the maximum allowable junction temperature (125°C)
•
TA(MAX) is the maximum ambient temperature encountered in the application
Using the calculated values for TR(MAX) and PD, the maximum allowable value for the junction-to-ambient thermal
resistance (RθJA) can be calculated with Equation 3.
RθJA = TR(MAX) / PD
(3)
As a design aid, Table 2 shows the value of the RθJA of TO-252 for different heat sink area. The copper patterns
that we used to measure these RθJA are shown at the end of AN–1028 Maximum Power Enhancement
Techniques for Power Packages (SNVA036). Figure 12 reflects the same test results as what are in the Table 2.
Figure 13 shows the maximum allowable power dissipation versus ambient temperature for the PFM device.
Figure 14 shows the maximum allowable power dissipation versus copper area (in2) for the TO-252 device. For
power enhancement techniques to be used with TO-252 package, see AN–1028 Maximum Power Enhancement
Techniques for Power Packages (SNVA036).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com