Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM341 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM341
Description  3-Terminal 500-mA Positive Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM341 Datasheet(HTML) 5 Page - Texas Instruments

  LM341_17 Datasheet HTML 1Page - Texas Instruments LM341_17 Datasheet HTML 2Page - Texas Instruments LM341_17 Datasheet HTML 3Page - Texas Instruments LM341_17 Datasheet HTML 4Page - Texas Instruments LM341_17 Datasheet HTML 5Page - Texas Instruments LM341_17 Datasheet HTML 6Page - Texas Instruments LM341_17 Datasheet HTML 7Page - Texas Instruments LM341_17 Datasheet HTML 8Page - Texas Instruments LM341_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
LM341, LM78M05
www.ti.com
SNVS090F – MAY 2004 – REVISED DECEMBER 2016
Product Folder Links: LM341 LM78M05
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
6.6 Electrical Characteristics: LM341 (15 V)
VIN = 23 V, CIN = 0.33 µF, CO = 0.1 µF, TJ = 25°C (unless otherwise noted). Limits are specified by production testing or
correlation techniques using standard Statistical Quality Control (SQC) methods.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
IL = 500 mA
14.4
15
15.6
V
IL = 5 mA to 500 mA, PD ≤ 7.5 W, VIN = 18 V
to 30 V, TJ = –40°C to 125°C
14.25
15
15.75
VRLINE
Line regulation
VIN = 17.6 V to 30 V
IL = 100 mA
150
mV
IL = 500 mA
300
VRLOAD
Load regulation
IL = 5 mA to 500 mA
300
mV
IQ
Quiescent current
IL = 500 mA
4
10
mA
ΔIQ
Quiescent current change
IL = 5 mA to 500 mA
0.5
mA
VIN = 18 V to 30 V, IL = 500 mA
1
Vn
Output noise voltage
f = 10 Hz to 100 kHz
90
µV
ΔVIN
Ripple rejection
f = 120 Hz, IL = 500 mA
69
dB
VIN
Input voltage required to maintain
line regulation
IL = 500 mA
17.6
V
ΔVO
Long-term stability
IL = 500 mA, TJ = –40°C to 125°C
60
mV/khrs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com