Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM341 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM341
Description  3-Terminal 500-mA Positive Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM341 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM341_17 Datasheet HTML 8Page - Texas Instruments LM341_17 Datasheet HTML 9Page - Texas Instruments LM341_17 Datasheet HTML 10Page - Texas Instruments LM341_17 Datasheet HTML 11Page - Texas Instruments LM341_17 Datasheet HTML 12Page - Texas Instruments LM341_17 Datasheet HTML 13Page - Texas Instruments LM341_17 Datasheet HTML 14Page - Texas Instruments LM341_17 Datasheet HTML 15Page - Texas Instruments LM341_17 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
LM341, LM78M05
SNVS090F – MAY 2004 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM341 LM78M05
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
8.2.2.2 Output Current
Depending on the input-output voltage differential, the output current must be limited to ensure maximum power
dissipation is not exceeded. The graph in Figure 1 shows the appropriate current limit for a variety of conditions.
8.2.2.3 Input Capacitor
If no power supply filter capacitor is used or if the device is placed more than four inches away from the capacitor
of the power supply, an additional capacitor placed at the input pin of the device helps bypass noise.
8.2.2.4 Output Capacitor
These devices are designed to be stable with no output capacitance and can be omitted from the design if
needed. However if large changes in load are expected, an output capacitor is recommended to improve the
transient response.
8.2.3 Application Curves
Figure 12. RθJA vs 2-oz Copper Area for PFM
Figure 13. Maximum Allowable Power Dissipation
vs Ambient Temperature for PFM
Figure 14. Maximum Allowable Power Dissipation vs 2-oz Copper Area for PFM
9 Power Supply Recommendations
The LM341 and LM78M05 devices are designed to operate from an input voltage supply range between
VOUT + 2 V to 35 V. If the device is more than four inches from the power supply filter capacitors, an input bypass
capacitor 0.1-µF or greater of any type is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com