Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ120 Datasheet(PDF) 69 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 65Page - STMicroelectronics L99DZ120 Datasheet HTML 66Page - STMicroelectronics L99DZ120 Datasheet HTML 67Page - STMicroelectronics L99DZ120 Datasheet HTML 68Page - STMicroelectronics L99DZ120 Datasheet HTML 69Page - STMicroelectronics L99DZ120 Datasheet HTML 70Page - STMicroelectronics L99DZ120 Datasheet HTML 71Page - STMicroelectronics L99DZ120 Datasheet HTML 72Page - STMicroelectronics L99DZ120 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 162 page
background image
DocID029145 Rev 4
69/162
L99DZ120
Application information
161
4.6.1
Change watchdog timing
The watchdog trigger time is configured by setting WD_TIME_x (CR 2). Writing to these bits
is possible only using the first SPI command after setting WD_CONFIG_EN = 1 (Config
Reg). The WD_CONFIG_EN bit is reset to 0 automatically with the next SPI command.
4.7
Fail-safe mode
4.7.1
Temporary failures
The devices enter Fail-safe mode in case of:
Watchdog failure
V1 turn on failure
–
V1 short (V1 < V1fail for t > tV1short)
V1 failure (V1 < VRTxfalling for t > tV1FS)
Thermal Shutdown TSD2
The Fail Safe functionality is also available in V1_Standby mode. During V1_Standby mode
the Fail Safe mode is entered in the following cases:
V1 failure (V1 < VRTxfalling for t > tV1FS)
Watchdog failure (if watchdog still running due to IV1 > Icmp_fal)
Thermal Shutdown TSD2
In Fail Safe mode the devices return to a fail safe state. The Fail Safe condition is indicated
to the system in the Global Status Byte. The conditions during Fail Safe mode are:
All outputs beside LS1_FSO and LS2_FSO are turned off
All Control Registers are set to fail safe default values
Write operations to Control Registers are blocked until the Fail Safe condition is
cleared. The following bits are not WRITE protected:
–
TRIG (CR1<bit 0>, Config Register <bit 0>): watchdog trigger bit
–
V2_x (CR1<bit 4:5>): Voltage Regulator V2 control
–
CR2 (bit <8:23>): Timer1 and Timer2 settings
–
OUT_HS_x (CR5 <bit 0:3>): OUT_HS configuration
–
OUT15_x (CR6<bit 0:3>): OUT15 configuration
–
PWMx_freq_y (CR12): PWM frequency configuration
–
PWMx_DC_y (CR13 – CR17): PWM duty cycle configuration
LIN transmitter and SPI remain on (transmitters are deactivated in case of thermal
shutdown TSD1 (TSD1 cluster 5 or 6 in cluster mode)
Corresponding Failure Bits in Status Registers are set
FS Bit (Global Status Byte) is set
LS1_FSO and LS2_FSO will be turned on
Charge pump is switched off
If the Fail Safe mode was entered it keeps active until the Fail safe condition is removed and
the Fail Safe was read by SPI. Depending on the root cause of the Fail Safe operation, the
actions to exit Fail safe mode are as shown in the following table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com