Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ120 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 37Page - STMicroelectronics L99DZ120 Datasheet HTML 38Page - STMicroelectronics L99DZ120 Datasheet HTML 39Page - STMicroelectronics L99DZ120 Datasheet HTML 40Page - STMicroelectronics L99DZ120 Datasheet HTML 41Page - STMicroelectronics L99DZ120 Datasheet HTML 42Page - STMicroelectronics L99DZ120 Datasheet HTML 43Page - STMicroelectronics L99DZ120 Datasheet HTML 44Page - STMicroelectronics L99DZ120 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 162 page
background image
DocID029145 Rev 4
41/162
L99DZ120
Electrical specifications
161
3.4.14
H-bridge driver
The voltages are referred to power ground and currents are assumed positive, when the
current flows into the pin. 6 V ≤ VS ≤ 28 V; 6 V ≤ VSREG ≤ 28 V; Tj = -40°C to 150 °C, unless
otherwise specified.
|IOLD7|
Under-current threshold HS in low
on-resistance mode
VS/VSREG = 13.5 V;
V1 = 5 V; source
15
40
60
mA
Under-current threshold HS in high
on-resistance mode
510
15
mA
|IOLD8|
Under-current threshold HS in low
on-resistance mode
10
30
45
mA
Under-current threshold HS in high
on-resistance mode
510
15
mA
IOLD9|,
|IOLD13|,
|IOLD14|
Under-current threshold HS in high
current mode
612
mA
Under-current threshold HS in low
current mode
0.5
4
mA
|IOLD10|
Under -current threshold HS in high
current mode
10
30
mA
Under -current threshold HS in low
current mode
0.3
4
mA
|IOLD11|,
|IOLD12|,
|IOLD15|,
|IOLD_HS|
Under -current threshold HS in high
current mode
612
mA
Under -current threshold HS in low
current mode
0.85
4
mA
tOL_out
Filter time of open-load signal
Duration of open-load
condition to set the status
bit
150
200
250
µs
Table 19. Current monitoring (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 20. H-bridge driver
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Drivers for external high-side PowerMOS
IGHx(Ch)
Average charge current
(charge stage)
Tj = 25 °C
0.3
A
RGHx
On-resistance (discharge-
stage)
VSHx = 0 V; IGHx = 50 mA;
Tj = 25 °C
610
14
Ω
VSHx = 0 V; IGHx = 50 mA;
Tj = 130 °C
14
20
Ω
VGHHx
Gate-on voltage
VS = SH = 6 V; ICP = 15 mA
VSHx + 6
V
VS = SH = 12 V; ICP = 15 mA
VSHx + 8 VSHx + 10 VSHx + 11.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com