Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ120 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 36Page - STMicroelectronics L99DZ120 Datasheet HTML 37Page - STMicroelectronics L99DZ120 Datasheet HTML 38Page - STMicroelectronics L99DZ120 Datasheet HTML 39Page - STMicroelectronics L99DZ120 Datasheet HTML 40Page - STMicroelectronics L99DZ120 Datasheet HTML 41Page - STMicroelectronics L99DZ120 Datasheet HTML 42Page - STMicroelectronics L99DZ120 Datasheet HTML 43Page - STMicroelectronics L99DZ120 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 162 page
background image
Electrical specifications
L99DZ120
40/162
DocID029145 Rev 4
Table 19. Current monitoring
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
|IOC1|,
|IOC6|
Overcurrent threshold HS & LS
VS = 13.5 V; V1 = 5 V; sink
and source
35
A
|IOC4|
VS = 13.5 V; V1 = 5 V; sink
and source; Tj = -40 °C to
70 °C
7.5
10
A
VS = 13.5 V; V1 = 5 V; sink
and source; Tj = 130 °C
610
A
|IOC5_1|
VS = 13.5 V; V1 = 5 V; sink
and source
34
5
A
|IOC5_2|4.5
6
7.5
A
|IOC5_3|7.5
10
A
|IOC7|
Overcurrent threshold HS in low on-
resistance mode
VS/VSREG = 13.5 V;
V1 = 5 V; source
1.5
2.5
A
Overcurrent threshold HS in high
on-resistance mode
0.35
0.65
A
|IOC8|
Overcurrent threshold HS in low on-
resistance mode
0.7
1.3
A
Overcurrent threshold HS in high
on-resistance mode
0.35
0.65
A
|IOC9|,
|IOC13|,
|IOC14|
Overcurrent threshold HS in high
current mode
0.35
0.7
A
Overcurrent threshold to HS in low
current mode
0.15
0.3
A
|IOC10|
Overcurrent threshold HS in high
current mode
0.5
1
A
Overcurrent threshold HS in low
current mode
0.25
0.5
A
|IOC11|,
|IOC12|,
|IOC15|,
|IOC_HS|
Overcurrent threshold HS in high
current mode
0.25
0.5
A
Overcurrent threshold HS in low
current mode
0.15
0.3
A
tAR
Auto recovery time limit
OUT1 to OUT6
100
ms
OUT7, OUT8, OUT_HS
120
ms
|IOLD1|,
|IOLD6|
Under-current threshold HS & LS
VS = 13.5 V; V1 = 5 V; sink
and source
10
30
80
mA
|IOLD4|,
|IOLD5|
60
150
300
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com