Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ120 Datasheet(PDF) 76 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 72Page - STMicroelectronics L99DZ120 Datasheet HTML 73Page - STMicroelectronics L99DZ120 Datasheet HTML 74Page - STMicroelectronics L99DZ120 Datasheet HTML 75Page - STMicroelectronics L99DZ120 Datasheet HTML 76Page - STMicroelectronics L99DZ120 Datasheet HTML 77Page - STMicroelectronics L99DZ120 Datasheet HTML 78Page - STMicroelectronics L99DZ120 Datasheet HTML 79Page - STMicroelectronics L99DZ120 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 162 page
background image
Application information
L99DZ120
76/162
DocID029145 Rev 4
4.11.2
VSREG supply failure
VSREG overvoltage
If the supply voltages VSREG reaches the overvoltage threshold VSREG_OV:
LIN is switched to high impedance
OUT15 and OUT_HS are turned off (default).
The shutdown of outputs may be disabled by SPI (VSREG_OV_SD_EN (CR 3) = 0)
Recovery of outputs after overvoltage condition is configurable by SPI:
–
VSREG_LOCK_EN (CR 3) = 1: outputs are off until Read&Clear VSREG_OV
(SR 2).
–
VSREG_LOCK_EN (CR 3) = 0: outputs turned on automatically after VSREG
overvoltage condition has recovered.
The overvoltage bit VSREG_OV (SR 2) is set and can be cleared with a ‘Read&Clear’
command. The overvoltage bit is reset automatically if VSREG_LOCK_EN (CR 3) = 0
and the overvoltage condition has recovered.
VSREG undervoltage
If the supply voltage VSREG drops below the under voltage threshold voltage (VSREG_UV):
LIN is switched to high impedance
OUT15 and OUT_HS are turned off (default).
The shutdown of outputs may be disabled by SPI (VSREG_UV_SD_EN (CR 3) = 0)
Recovery of outputs after undervoltage condition is configurable by SPI:
–
VSREG_LOCK_EN (CR 3) = 1: outputs are off until Read&Clear VSREG_UV
(SR 2).
–
VSREG_LOCK_EN (CR 3) = 0: Outputs turned on automatically after VSREG
undervoltage condition has recovered.
The undervoltage bit VSREG_UV (SR 2) is set and can be cleared with a ‘Read&Clear’
command. The undervoltage bit is removed automatically if
VSREG_LOCK_EN (CR 3) = 0 and the undervoltage condition has recovered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com