Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ120 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 45Page - STMicroelectronics L99DZ120 Datasheet HTML 46Page - STMicroelectronics L99DZ120 Datasheet HTML 47Page - STMicroelectronics L99DZ120 Datasheet HTML 48Page - STMicroelectronics L99DZ120 Datasheet HTML 49Page - STMicroelectronics L99DZ120 Datasheet HTML 50Page - STMicroelectronics L99DZ120 Datasheet HTML 51Page - STMicroelectronics L99DZ120 Datasheet HTML 52Page - STMicroelectronics L99DZ120 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 162 page
background image
DocID029145 Rev 4
49/162
L99DZ120
Electrical specifications
161
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6V < VS < 28V; Tj = -40 °C to 150 °C, unless otherwise specified.
1. 105°C is the maximum junction temperature of an unpowered device according to this test condition within the specified
ambient temperature range
2. Used for device test only
Table 29. LIN transceiver timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tRXpd
Receiver propagation
delay time
tRXpd = max(tRXpdr, tRXpdf);
tRXpdf = t(0.5 VRXD)-t(0.45 VLIN);
tRXpdr = t(0.5 VRXD)-t(0.55 VLIN);
VSREG = 12 V; CRXD=20 pF;
Rbus = 1 kΩ, Cbus = 1 nF; Rbus = 660 Ω,
Cbus = 6.8 nF; Rbus = 500 Ω,
Cbus = 10 nF
6
μs
tRXpd_sym
Symmetry of receiver
propagation delay time
(rising vs. falling edge)
tRXpd_sym = tRXpdr - tRXpdf; VSRE = 12 V;
Rbus = 1 kΩ; Cbus = 1 nF; CRXD = 20 pF
-2
2
μs
D1
Duty Cycle 1
THRec(max) = 0.744 * VSREG;
THDom(max) = 0.581 * VSREG;
VSREG = 7 to 18 V, tbit = 50 µs;
D1 = tbus_rec(min) / (2 x tbit);
Rbus = 1 kΩ, Cbus = 1 nF; Rbus = 660 Ω,
Cbus = 6.8 nF; Rbus = 500 Ω,
Cbus = 10 nF
0.396
D2
Duty Cycle 2
THRec(min) = 0.422* VSREG;
THDom(min) = 0.284* VSREG;
VSREG = 7.6 to 18 V, tbit = 50 µs;
D2 = tbus_rec(max) / (2 x tbit);
Rbus = 1 kΩ, Cbus = 1 nF; Rbus = 660 Ω,
Cbus = 6.8 nF; Rbus = 500 Ω,
Cbus = 10 nF
0.581
D3
Duty Cycle 3
THRec(max) = 0.778* VSREG;
THDom(max) = 0.616* VSREG; VSREG = 7
to 18 V, tbit = 96 µs;
D3 = tbus_rec(min) / (2 x tbit);
Rbus = 1 kΩ, Cbus = 1 nF; Rbus = 660 Ω,
Cbus = 6.8 nF; Rbus = 500 Ω,
Cbus = 10 nF
0.417
D4
Duty Cycle 4
THRec(min) = 0.389* VSREG;
THDom(min) = 0.251* VSREG;
VSREG = 7.6 to 18 V, tbit = 96 µs;
D4 = tbus_rec(max) / (2 x tbit);
Rbus = 1 kΩ, Cbus = 1 nF; Rbus = 660 Ω,
Cbus = 6.8 nF; Rbus = 500 Ω,
Cbus = 10 nF
0.590
tdom(TXDL)
TXDL dominant time-
out
12
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com