Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ120 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 16Page - STMicroelectronics L99DZ120 Datasheet HTML 17Page - STMicroelectronics L99DZ120 Datasheet HTML 18Page - STMicroelectronics L99DZ120 Datasheet HTML 19Page - STMicroelectronics L99DZ120 Datasheet HTML 20Page - STMicroelectronics L99DZ120 Datasheet HTML 21Page - STMicroelectronics L99DZ120 Datasheet HTML 22Page - STMicroelectronics L99DZ120 Datasheet HTML 23Page - STMicroelectronics L99DZ120 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 162 page
background image
Electrical specifications
L99DZ120
20/162
DocID029145 Rev 4
Note:
Loss of ground or ground shift with externally grounded loads: ESD structures are
configured for nominal currents only. If external loads are connected to different grounds,
the current load must be limited to this nominal current.
3.2
ESD protection
3.3
Thermal data
All parameters are guaranteed in the junction temperature range -40 to 150°C (unless
otherwise specified); the device is still operative and functional at higher temperatures (up to
175°C).
Note:
Parameters limits at higher junction temperatures than 150°C may change respect to what
is specified as per the standard temperature range.
Note:
Device functionality at high junction temperature is guaranteed by characterization.
Table 3. ESD protection
Parameter
Value
Unit
All pins(1)
1. HBM (human body model, 100 pF, 1.5 kΩ) according to MIL 883C, Method 3015.7 or EIA/JESD22A114-A.
+/-2
kV
All power output pins (2): OUT1 – OUT15, OUT_HS
+/-4
kV
LIN
+/-8(2)
+/-10(3)
+/-6(4)
2. HBM with all none zapped pins grounded.
3. Indirect ESD Test according to IEC 61000-4-2 (150 pF, 330 Ω) and ‘Hardware Requirements for LIN, CAN
and Flexray Interfaces in Automotive Applications’ (version 1.3, 2012-05-04).
4. Direct ESD Test according to IEC 61000-4-2 (150 pF, 330 Ω) and ‘Hardware Requirements for LIN, CAN
and Flexray Interfaces in Automotive Applications’ (version 1.3, 2012-05-04).
kV
All pins(5)
5. Charged device model.
+/-500
V
Corner pins(5)
+/-750(6)
6. For WU, these limits are referred to one-zap stress; in case of three-zap stress, the limits are +750V/-400V.
V
All pins(7)
7. Machine model; C = 220 pF, R = 0 Ω.
+/- 200
V
Table 4. Operating junction temperature
Symbol
Parameter
Value
Unit
Tj
Operating junction temperature
-40 to 175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com