Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF05TBR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STCF05TBR
Description  High power white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF05TBR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STCF05TBR Datasheet HTML 2Page - STMicroelectronics STCF05TBR Datasheet HTML 3Page - STMicroelectronics STCF05TBR Datasheet HTML 4Page - STMicroelectronics STCF05TBR Datasheet HTML 5Page - STMicroelectronics STCF05TBR Datasheet HTML 6Page - STMicroelectronics STCF05TBR Datasheet HTML 7Page - STMicroelectronics STCF05TBR Datasheet HTML 8Page - STMicroelectronics STCF05TBR Datasheet HTML 9Page - STMicroelectronics STCF05TBR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Description (continued)
STCF05
6/33
Doc ID 15257 Rev 4
1
Description (continued)
An optional external NTC is supported to protect the LEDs against over heating. In mobile
phone application it is possible to reduce immediately the flash LEDs current during the
signal transmission using the TMSK pin. This saves battery life and gives more priority to
supply RF transmission instead of flash function.
It is possible to separately program the current intensity in flash and torch mode using
exponential steps by I²C. In case of insufficient power from the battery a warning is
generated. An auxiliary output can control an optional red LED to be used as a recording
indicator.
The device is packaged in BGA 3 x 3 mm with 1 mm height.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com