Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF05TBR Datasheet(PDF) 24 Page - STMicroelectronics

Part # STCF05TBR
Description  High power white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF05TBR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STCF05TBR Datasheet HTML 20Page - STMicroelectronics STCF05TBR Datasheet HTML 21Page - STMicroelectronics STCF05TBR Datasheet HTML 22Page - STMicroelectronics STCF05TBR Datasheet HTML 23Page - STMicroelectronics STCF05TBR Datasheet HTML 24Page - STMicroelectronics STCF05TBR Datasheet HTML 25Page - STMicroelectronics STCF05TBR Datasheet HTML 26Page - STMicroelectronics STCF05TBR Datasheet HTML 27Page - STMicroelectronics STCF05TBR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Registers description
STCF05
24/33
Doc ID 15257 Rev 4
9.13
LED_O
This bit is set by the STCF05 when the voltage seen on the VOUT pin is VREF2 > 11.6 V
during a torch or flash operation. This condition can be caused by an open LED, indicating a
LED failure. The device automatically goes into ready mode to avoid damage. Internal high
frequency filtering avoids false detections. This bit is reset by the STCF05 following a read
operation of the STAT_REG.
9.14
NTC_W
This bit is set HIGH by the STCF05 and the ATN pin is pulled down, when the voltage seen
on the pin RX exceeds VREF4 = 0.56 V. This threshold corresponds to a warning temperature
value at the LED measured by the NTC. The device is still operating, but a warning is sent to
the microprocessor. This bit is reset by the STCF05 following a read operation of the
STAT_REG.
9.15
NTC_H
This bit is set HIGH by the STCF05 and the ATN pin is pulled down, when the voltage seen
on the pin RX exceeds VREF5. This threshold (1.2 V) corresponds to an excess temperature
value at the LED measured by the NTC. The device is put in ready mode to avoid damaging
the LED. This bit is reset by the STCF05 following a read operation of the STAT_REG.
9.16
OT_F
This bit is set HIGH by the STCF05 and the ATN pin is pulled down, when the chip over-
temperature protection (~140 °C) has put the device in ready mode. This bit is reset by the
STCF05 following a read operation of the STAT_REG.
9.17
OC_F
This bit is set high by the STCF05 when the max peak inductor current threshold is reached
(3 A programmable #). The OC_F bit is not latched into the STATUS reg. and the ATN pin
remains HIGH.
9.18
VOUTOK_N
This bit is set by the STCF05. It is used to protect the device, if the output is shorted. The
VOUTOK_N bit is set to HIGH at the start-up. Then a current generator of 20 mA charges
the output capacitor for 360 µs typ. and it detects when the output capacitor reaches 100
mV. If this threshold is reached the bit is set to LOW. If the output is shorted to ground or the
LED is shorted, this threshold is never reached: the bit stays HIGH, ATN pin is pulled down
and the device will not start. This bit is reset following a read operation of the STAT_REG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com