Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF05TBR Datasheet(PDF) 28 Page - STMicroelectronics

Part # STCF05TBR
Description  High power white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF05TBR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STCF05TBR Datasheet HTML 24Page - STMicroelectronics STCF05TBR Datasheet HTML 25Page - STMicroelectronics STCF05TBR Datasheet HTML 26Page - STMicroelectronics STCF05TBR Datasheet HTML 27Page - STMicroelectronics STCF05TBR Datasheet HTML 28Page - STMicroelectronics STCF05TBR Datasheet HTML 29Page - STMicroelectronics STCF05TBR Datasheet HTML 30Page - STMicroelectronics STCF05TBR Datasheet HTML 31Page - STMicroelectronics STCF05TBR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Typical performance characteristics
STCF05
28/33
Doc ID 15257 Rev 4
11
Typical performance characteristics
Figure 14.
Efficiency in flash mode
Figure 15.
Efficiency in torch mode
Figure 16.
ILED vs. VBAT at different temp.
Figure 17.
ILED vs. VOUT
Figure 18.
Input current vs. input voltage
Figure 19.
Quiescent current in ready mode
V
OUT=7V
70
75
80
85
90
95
2.5
3
3.5
4
4.5
5
5.5
V
BAT [V]
I
LED=400 mA
I
LED=160 mA
V
OUT=7V
70
75
80
85
90
95
2.5
3
3.5
4
4.5
5
5.5
V
BAT [V]
I
LED=400 mA
I
LED=160 mA
V
OUT = 6.5 V
50
55
60
65
70
75
80
85
90
95
2.5
3
3.5
4
4.5
5
5.5
V
BAT [V]
I
LED=15mA
I
LED=120mA
V
OUT = 6.5 V
50
55
60
65
70
75
80
85
90
95
2.5
3
3.5
4
4.5
5
5.5
V
BAT [V]
I
LED=15mA
I
LED=120mA
360
370
380
390
400
410
420
430
440
2.50
3.00
3.50
4.00
4.50
5.00
5.50
V
BAT [V]
-40
25
85
360
370
380
390
400
410
420
430
440
2.50
3.00
3.50
4.00
4.50
5.00
5.50
V
BAT [V]
-40
25
85
VBA T=3.6V
430
435
440
445
450
455
460
456789
10
11
12
VOUT [V]
V
OUT [V]
V
BAT = 3.6 V
0.00
0.50
1.00
1.50
2.00
2.5
3
3.5
4
4.5
5
5.5
V
BAT [V]
I
LED=400 mA
I
LED=160 mA
0.00
0.50
1.00
1.50
2.00
2.5
3
3.5
4
4.5
5
5.5
V
BAT [V]
I
LED=400 mA
I
LED=160 mA
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
6.00
-40
-20
0
20
406080
100
T [°C]
Ready Mode
Ready Mode +
Aux LED
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
6.00
-40
-20
0
20
406080
100
T [°C]
Ready Mode
Ready Mode +
Aux LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com