Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF05TBR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STCF05TBR
Description  High power white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF05TBR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STCF05TBR Datasheet HTML 18Page - STMicroelectronics STCF05TBR Datasheet HTML 19Page - STMicroelectronics STCF05TBR Datasheet HTML 20Page - STMicroelectronics STCF05TBR Datasheet HTML 21Page - STMicroelectronics STCF05TBR Datasheet HTML 22Page - STMicroelectronics STCF05TBR Datasheet HTML 23Page - STMicroelectronics STCF05TBR Datasheet HTML 24Page - STMicroelectronics STCF05TBR Datasheet HTML 25Page - STMicroelectronics STCF05TBR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Registers description
STCF05
22/33
Doc ID 15257 Rev 4
9.7
FDIM_0~2
These 3 bits define the LED current in flash mode in 8 exponential steps. Max current value
in flash mode is 400 mA.
9.8
LDIM
Is an internal dimming register. It cannot be accessed by the user directly. The LDIM value is
determined by the TDIM and FDIM registers. The total number of dimming steps is 13,
because flash and torch current values are overlapping. See Table 14 below.
9.9
AUXI_0~3
This 4 bits register defines the AUX LED current from 0 to 20 mA. See AUX LED Dimming
Table for reference. Loading any value between 1 and 15 also starts the AUX LED current
source timer, if enabled. The AUX LED current source is active only in ready mode, and is
deactivated in any other mode.
Figure 12.
Current intensity vs. dimming value
0
40
80
120
160
200
240
280
320
360
400
02
46
8
10
12
14
dimming steps
0
40
80
120
160
200
240
280
320
360
400
02
46
8
10
12
14
dimming steps
Table 12.
Auxiliary register
AUX_REG
(write mode)
MSB
LSB
SUB ADD=02
AUXI_3
AUXI_2
AUXI_1
AUXI_0
AUXT_3
AUXT_2
AUXT_1
AUXT_0
Power ON,
SHUTDOWN MODE
RESET Value
00
000
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com