Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF05TBR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STCF05TBR
Description  High power white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF05TBR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STCF05TBR Datasheet HTML 12Page - STMicroelectronics STCF05TBR Datasheet HTML 13Page - STMicroelectronics STCF05TBR Datasheet HTML 14Page - STMicroelectronics STCF05TBR Datasheet HTML 15Page - STMicroelectronics STCF05TBR Datasheet HTML 16Page - STMicroelectronics STCF05TBR Datasheet HTML 17Page - STMicroelectronics STCF05TBR Datasheet HTML 18Page - STMicroelectronics STCF05TBR Datasheet HTML 19Page - STMicroelectronics STCF05TBR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
I²C bus interface
STCF05
16/33
Doc ID 15257 Rev 4
8.3
Byte format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an
acknowledge bit. The MSB is transferred first. One data bit is transferred during each clock
pulse. The data on the SDA line must remain stable during the HIGH period of the clock
pulse. Any change in the SDA line at this time will be interpreted as a control signal.
8.4
Acknowledge
The master (microprocessor) puts a resistive HIGH level on the SDA line during the
acknowledge clock pulse (see Figure 7). The peripheral (STCF05) that acknowledges has to
pull-down (LOW) the SDA line during the acknowledge clock pulse, so that the SDA line is
stable LOW during this clock pulse. The peripheral which has been addressed has to
generate an acknowledge pulse after the reception of each byte, otherwise the SDA line
remains at the HIGH level during the ninth clock pulse duration. In this case, the master
transmitter can generate the STOP information in order to abort the transfer. The STCF05
won't generate the acknowledge if the VI supply is below the undervoltage lockout threshold.
Figure 5.
Timing diagram on I²C bus
Figure 6.
Bit transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com